Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q7 Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST92F120JR1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q7 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST92F120JR1Q7 Datasheet HTML 216Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 217Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 218Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 219Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 220Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 221Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 222Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 223Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 324 page
background image
220/324
I2C BUS INTERFACE
I2C BUS INTERFACE (Cont’d)
Next, depending on the data direction bit (least
significant bit of the address byte), and after the
generation of an acknowledge, the slave must go
in sending or receiving mode.
In 10-bit mode, after receiving the address se-
quence the slave is always in receive mode. It will
enter transmit mode on receiving a repeated Start
condition followed by the header sequence with
matching address bits and the least significant bit
set (11110xx1).
Slave Receiver
Following the address reception and after I2CSR1
register has been read, the slave receives bytes
from the SDA line into the Shift Register and sends
them to the I2CDR register. After each byte it
generates an acknowledge bit if the I2CCR.ACK
bit is set.
When
the
acknowledge
bit
is
sent,
the
I2CSR1.BTF flag is set and an interrupt is generat-
ed if the I2CCR.ITE bit is set (see Figure 3
Transfer sequencing EV2).
Then the interface waits for a read of the I2CSR1
register followed by a read of the I2CDR register,
or waits for the DMA to complete.
Slave Transmitter
Following the address reception and after I2CSR1
register has been read, the slave sends bytes from
the I2CDR register to the SDA line via the internal
shift register.
When the acknowledge bit is received, the
I2CCR.BTF flag is set and an interrupt is
generated if the I2CCR.ITE bit is set (see Figure 3
Transfer sequencing EV3).
The slave waits for a read of the I2CSR1 register
followed by a write in the I2CDR register or waits
for the DMA to complete, both holding the SCL
line low (except on EV3-1).
Error Cases
– BERR: Detection of a Stop or a Start condition
during a byte transfer.
The I2CSR2.BERR flag is set and an interrupt is
generated if I2CCR.ITE bit is set.
If it is a stop then the state machine is reset.
If it is a start then the state machine is reset and
it waits for the new slave address on the bus.
– AF: Detection of a no-acknowledge bit.
The I2CSR2.AF flag is set and an interrupt is ge-
nerated if the I2CCR.ITE bit is set.
Note: In both cases, SCL line is not stretched low;
however, the SDA line, due to possible «0» bits
transmitted last, can remain low. It is then neces-
sary to release both lines by software.
Other Events
– ADSL: Detection of a Start condition after an ac-
knowledge time-slot.
The state machine is reset and starts a new pro-
cess. The I2CSR1.ADSL flag bit is set and an in-
terrupt is generated if the I2CCR.ITE bit is set.
The SCL line is stretched low.
– STOPF: Detection of a Stop condition after an
acknowledge time-slot.
The state machine is reset. Then the
I2CSR2.STOPF flag is set and an interrupt is ge-
nerated if the I2CCR.ITE bit is set.
How to release the SDA / SCL lines
Check that the I2CSR1.BUSY bit is reset. Set and
subsequently clear the I2CCR.STOP bit while the
I2CSR1.BTF bit is set; then the SDA/SCL lines are
released immediately after the transfer of the cur-
rent byte.
This will also reset the state machine; any subse-
quent STOP bit (EV4) will not be detected.
10.7.4.2 I2C Master Mode
To switch from default Slave mode to Master
mode a Start condition generation is needed.
Setting
the
I2CCR.START
bit
while
the
I2CSR1.BUSY bit is cleared causes the interface
to generate a Start condition.
Once the Start condition is generated, the periph-
eral is in master mode (I2CSR1.M/SL=1) and
I2CSR1.SB (Start bit) flag is set and an interrupt is
generated if the I2CCR.ITE bit is set (see Figure 3
Transfer sequencing EV5 event).
The interface waits for a read of the I2CSR1 regis-
ter followed by a write in the I2CDR register with
the Slave address, holding the SCL line low.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com