Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q7 Datasheet(PDF) 264 Page - STMicroelectronics

Part # ST92F120JR1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q7 Datasheet(HTML) 264 Page - STMicroelectronics

Back Button ST92F120JR1Q7 Datasheet HTML 260Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 261Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 262Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 263Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 264Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 265Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 266Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 267Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 268Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 324 page
background image
264/324
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
IFR2, In-Frame Response Type 2 opcode.
The In-frame Response Type 2 (IFR2) opcode is
set if the user program wants to transmit a physical
address byte (contained in the PADDR register) in
response to a message that is currently being re-
ceived.
The user program decides to set up an IFR2 upon
receiving a certain portion of the data byte string of
an incoming message. No write of the TXDATA
register is required. The IFR gets its data byte from
the PADDR register.
The JBLPD block will enable the transmission of
the IFR2 on these conditions:
– 1) The CRC check is valid (otherwise the CRCE
is set)
– 2) The received message length is valid if ena-
bled (otherwise the TRA is set)
– 3) A valid EOD minimum symbol is received (oth-
erwise the IFD may eventually get set due to byte
synchronization errors)
– 4) If NFL = 0 & Received Byte Count for this
frame <=11 (otherwise TRA is set)
– 5) If not presently executing an MSG, IFR3, op-
code (otherwise TRA is set, and TDUF will get
set because the transmit state machine will be
expecting more data, so the inverted CRC will be
appended to this frame)
– 6) If not presently executing an IFR1, IFR2, or
IFR3+CRC opcodes, otherwise TRA is set (but
no TDUF)
– 7) If not presently receiving an IFR portion of a
frame, otherwise TRA is set.
The IFR byte is then attempted according to the
procedure described in section “Transmitting a
type 2 IFR”. Note that if an IFR opcode is written, a
queued MSG or MSG+CRC is overridden by the
IFR2.
IFR3, In-Frame Response Type 3 opcode.
The In-Frame Response Type 3 (IFR3) opcode is
set if the user program wants to initiate to transmit
or continue to transmit a string of data bytes in re-
sponse to a message that is currently being re-
ceived.
The IFR3 uses the contents of the TXDATA regis-
ter for data. The user program decides to set up an
IFR3 upon receiving a certain portion of the data
byte string of an incoming message. A previous
write of the TXDATA register should have oc-
curred.
The JBLPD block will enable the transmission of
the first byte of an IFR3 string on these conditions:
– 1) The CRC check is valid (otherwise the CRCE
is set)
– 2) The received message length is valid if ena-
bled (otherwise the TRA is set)
– 3) A valid EOD minimum symbol is received (oth-
erwise the IFD may eventually get set due to byte
synchronization errors)
– 4) If NFL = 0 & Received Byte Count for this
frame <=9 (otherwise TRA is set and inverted
CRC is transmitted due to TDUF)
– 5) If not presently executing an MSG opcode
(otherwise TRA is set, and TDUF will get set be-
cause the transmit state machine will be expect-
ing more data and the inverted CRC will be
appended to this frame)
– 6) If not presently executing an IFR1, IFR2, or
IFR3+CRC opcode, otherwise TRA is set (but no
TDUF)
– 7) If not presently receiving an IFR portion of a
frame, otherwise TRA is set.
The IFR3 byte string is then attempted according
to the procedure described in section “Transmit-
ting a type 3 IFR”. Note that if an IFR3 opcode is
written, a queued MSG or MSG+CRC is overrid-
den by the IFR3.
The next byte(s) in the IFR3 data string shall also
be written with the IFR3 opcode except for the last
byte in the string which shall be written with the
IFR3+CRC opcode. Each IFR3 data byte trans-
mission is accomplished with a TXDATA/TXOP
write sequence. The succeeding IFR3 transmit re-
quests will be enabled on conditions 4 and 5 listed
above.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com