Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1Q7 Datasheet(PDF) 321 Page - STMicroelectronics

Part # ST92F120JR1Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1Q7 Datasheet(HTML) 321 Page - STMicroelectronics

Back Button ST92F120JR1Q7 Datasheet HTML 316Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 317Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 318Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 319Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 320Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 321Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 322Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 323Page - STMicroelectronics ST92F120JR1Q7 Datasheet HTML 324Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 321 / 324 page
background image
321/324
ST92F120 - SUMMARY OF CHANGES
1.9
Page
1.8
1
8
9
16
17
18
109
-
287
289
290
292
293
294
297
298
299
302
305
306
310
Page
1.9
1
8
9
16
17
18
109
110
288
290
291
293
294
295
299
300
301
304
307
308
312
Changed V to R on TQFP64 devices in device summary;
Changed figure caption ”JR instead of V9T”. Added extra memory sizes and option-
al J1850 block
Same changes as page 8 plus added note to SCI1 “on some versions only”
Added TXCAN0 and RXCAN0 with note. Changed note to VPP and VPWO. Added
VPWI to P6.5. Added VREG to pin 28
Added TXCAN0, RXCAN0, TXCAN1 and RXCAN1 with note. Added note to VPP.
Added VREG to pin 31 and 43
Added figure for Vreg. Added Vreg in table 1. Removed “not used” from VPP
Removed Notes on Ceramic Resonator from line three
Added 1 new page on Ceramic resonators
Added ESD susceptibility 2000V
Added note to describe typical values. Changed TBD to 10 mA in note for IOV. Add-
ed values to RWPU.
Changed typ and max values. Added max values per Mhz. Added note about run
mode.
Replaced x by 10 in formula. Added
≥ sign. Added min values. Added note “formula
guaranteed by design” Added note “measurement points are ....”
Same changes as previous table
Added TNFR . Changed value of TPLK typ. and PLL jitter.
Added note “formula guaranteed by design” Added note “measurement points are
....”
Added note “formula guaranteed by design” Added note “measurement points are
....”
Added note “formula guaranteed by design” Added note “measurement points are
....” Removed TEXTCLK Added 10 in formula to TWECKD and TWEICD. Changed
min values for these parameters.
Added note “values guaranteed by design”
Removed VIL and VIH. Replaced TBD by specified values.
Added max values for TR and TF
Changed values of offset error Moved values for DLE ILE and TUE from typ to max.
06/04/99
Rev.
Page Section
Main changes
Date
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com