Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9Q7 Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST92F120JR9Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9Q7 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST92F120JR9Q7 Datasheet HTML 212Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 213Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 214Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 215Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 216Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 217Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 218Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 219Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 324 page
background image
216/324
I2C BUS INTERFACE
10.7 I2C BUS INTERFACE
10.7.1 Introduction
The I2C bus Interface serves as an interface be-
tween the microcontroller and the serial I2C bus. It
provides both multimaster and slave functions with
both 7-bit and 10-bit address modes; it controls all
I2C bus-specific sequencing, protocol, arbitration,
timing and supports both standard (100KHz) and
fast I2C modes (400KHz).
Using DMA, data can be transferred with minimum
use of CPU time.
The peripheral uses two external lines to perform
the protocols: SDA, SCL.
10.7.2 Main Features
s
Parallel-bus/I2C protocol converter
s
Multi-master capability
s
7-bit/10-bit Addressing
s
Standard I2C mode/Fast I2C mode
s
Transmitter/Receiver flag
s
End-of-byte transmission flag
s
Transfer problem detection
s
Interrupt generation on error conditions
s
Interrupt generation on transfer request and on
data received
I2C Master Features:
s
Start bit detection flag
s
Clock generation
s
I2C bus busy flag
s
Arbitration Lost flag
s
End of byte transmission flag
s
Transmitter/Receiver flag
s
Stop/Start generation
I2C Slave Features:
s
Stop bit detection
s
I2C bus busy flag
s
Detection of misplaced start or stop condition
s
Programmable I2C Address detection (both 7-
bit and 10-bit mode)
s
General Call address programmable
s
Transfer problem detection
s
End of byte transmission flag
s
Transmitter/Receiver flag.
Interrupt Features:
s
Interrupt generation on error condition, on
transmission request and on data received
s
Interrupt address vector for each interrupt
source
s
Pending bit and mask bit for each interrupt
source
s
Programmable interrupt priority respects the
other peripherals of the microcontroller
s
Interrupt address vector programmable
DMA Features:
s
DMA both in transmission and in reception with
enabling bits
s
DMA from/toward both
Register
File
and
Memory
s
End Of Block interrupt sources with the related
pending bits
s
Selection between DMA Suspended and DMA
Not-Suspended mode if error condition occurs.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com