Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR9Q7 Datasheet(PDF) 217 Page - STMicroelectronics

Part # ST92F120JR9Q7
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9Q7 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button ST92F120JR9Q7 Datasheet HTML 213Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 214Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 215Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 216Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 217Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 218Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 219Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 220Page - STMicroelectronics ST92F120JR9Q7 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 324 page
background image
217/324
I2C BUS INTERFACE
I2C BUS INTERFACE (Cont’d)
Figure 105. I2C Interface Block Diagram
10.7.3 Functional Description
Refer to the I2CCR, I2CSR1 and I2CSR2 registers
in Section 0.1.7. for the bit definitions.
The I2C interface works as an I/O interface
between the ST9 microcontroller and the I2C bus
protocol. In addition to receiving and transmitting
data, the interface converts data from serial to
parallel format and vice versa using an interrupt or
polled handshake.
It operates in Multimaster/slave I2C mode. The se-
lection of the operating mode is made by software.
The I2C interface is connected to the I2C bus by a
data pin (SDA) and a clock pin (SCL) which must
be configured as open drain when the I2C cell is
enabled by programming the I/O port bits and the
PE bit in the I2CCR register. In this case, the value
of the external pull-up resistance used depends on
the application.
When the I2C cell is disabled, the SDA and SCL
ports revert to being standard I/O port pins.
The I2C interface has sixteen internal registers.
Six of them are used for initialization:
– Own Address Registers I2COAR1, I2COAR2
– General Call Address Register I2CADR
– Clock Control Registers I2CCCR, I2CECCR
– Control register I2CCR
The following four registers are used during data
transmission/reception:
– Data Register I2CDR
– Control Register I2CCR
– Status Register 1 I2CSR1
– Status Register 2 I2CSR2
DATA REGISTER
DATA SHIFT REGISTER
COMPARATOR
OWN ADDRESS REGISTER 2
CLOCK CONTROL REGISTER
STATUS REGISTER 1
CONTROL REGISTER
CONTROL
DATA
CLOCK
CONTROL
LOGIC AND INTERRUPT/DMA REGISTERS
GENERAL CALL ADDRESS
STATUS REGISTER 2
DMA
DATA BUS
CONTROL SIGNALS
INTERRUPT
VR02119A
SDA
SCL
OWN ADDRESS REGISTER 1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com