Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC90101FG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC90101FG
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90101FG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC90101FG Datasheet HTML 17Page - Toshiba Semiconductor TC90101FG Datasheet HTML 18Page - Toshiba Semiconductor TC90101FG Datasheet HTML 19Page - Toshiba Semiconductor TC90101FG Datasheet HTML 20Page - Toshiba Semiconductor TC90101FG Datasheet HTML 21Page - Toshiba Semiconductor TC90101FG Datasheet HTML 22Page - Toshiba Semiconductor TC90101FG Datasheet HTML 23Page - Toshiba Semiconductor TC90101FG Datasheet HTML 24Page - Toshiba Semiconductor TC90101FG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Feb./2005
21
TC90101FG
●Additional information about IIC registers.
BUS address
Function
Contents
00H:D7-D6
Input signal selection. An input signal is chosen.
00H:D5-D2
Select TVM.
The TV-system is fixed forcibly.
It uses when it is worked in the manual.
00H:D1-D0
Color system detection
mode.
Setup Color system detection mode.
Manual / Europeian / South American / Full auto detection.
01H:D7
Setup for YCS.
3-lineComb or BPF is chosen.
0: 3-line-Comb
1: B.P.F
01H:D5-D4
Select clock
Setup for an output clock frequency.
Select
“601:13.5MHz” or “656:27MHz”.
01H:D3
Select OUTPUT FORMAT
Setup for an output format (601or656).
01H:D2
Select OUTBITS
Setup for an output bits range (8bit or 10bit).
01H:D1
Digital-Output Control
Each digital output terminals are controlled.
0:Active
1:OPEN (Because it becomes Hi Impedance,
coexistence with other IC's is possible.)
01H:D0
ADC-Power Control
The control of the power supply for ADC.
0:The power supply of ADC is turned off.
1:Normal (It usually uses by this setup.)
02H:D7-D6
Set V Enhance Gain
Gain (off, 1/8, 1/4 and 1/2) is set up.
02H:D5-D4
Set V Enhance non-
liner point.
Setup the characteristic of V-enhance gain for non- correlation
Component. Choose it from 4 point
02H:D3-D2
Set V Enhance coring
Choose Coring(No response level).
02H:D1
Set
“f0” of sharpness
Set f0 of Sharpness.
It works with f0 of Noise-canceler as well together.
02H:D0
Select Pre-Enhance
Pre-Enhance makes it control the part Edgy of Sharpness.
03H:D7-D4
Adjustment Sharpness
Gain.
Control the Gain of Sharpness.
1011:-1/4 ∼
1111:OFF ∼
0111:8/16
1000, 1001 and 1010 can't be used.
03H:D3-D2
Set Sharpness-coring
-Level.
Choose Coring(No response level).
03H:D1
Set the Feed-Back
CLAMP
Set the Feed-Back CLAMP.
0: Auto. It becomes a diode clamp when TC90101FG detects a
non-signal.
1:Feed-Back Clamp is active.
03H:D0
Change the Feed-Back
CLAMP
Select Internal-Feed-Back or External-Feed-Back.
0: External mode (Pin74, 75 outputs clamp signal).
1: Internal mode (Pin74, 75 : Open). The time-constant for
internal feedback clamp is set via BUS_FBCLMOD at sub address 32 hex.
04H:D7-D6
Set Noise canceler
Gain
Set the Gain of NOISE-CANCEL.
04H:D5
Set LTI f0
Set the f0 of LTI.
04H:D4
Set CTI f0
Set the f0 of CTI.
04H:D3-D0
Cb & Cr delay adjust. Fine tune for delay of Cb & Cr.
Step is 37[ns] between -296ns∼259ns.
But step is 74[ns] at YCbCr input mode.
05H:D7-D6
LTI Gain adjustment
It set the Gain of LTI.
05H:D5-D4
LTI coring Level
It set the Coring(No response level) of LTI.
Use after you confirm a picture.
05H:D3-D2
CTI Gain adjustment
It set the Gain of CTI.
05H:D1-D0
CTI coring Level
It set the Coring(No response level) of CTI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com