Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8947J Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8947J
Description  4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8947J Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8947J Datasheet HTML 9Page - NXP Semiconductors TDA8947J Datasheet HTML 10Page - NXP Semiconductors TDA8947J Datasheet HTML 11Page - NXP Semiconductors TDA8947J Datasheet HTML 12Page - NXP Semiconductors TDA8947J Datasheet HTML 13Page - NXP Semiconductors TDA8947J Datasheet HTML 14Page - NXP Semiconductors TDA8947J Datasheet HTML 15Page - NXP Semiconductors TDA8947J Datasheet HTML 16Page - NXP Semiconductors TDA8947J Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Philips Semiconductors
TDA8947J
4-channel audio amplifier
Preliminary data
Rev. 01 — 06 February 2004
13 of 24
9397 750 10779
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
THD = 10%; RL =4 Ω; f = 1 kHz.
THD = 10%; RL =8 Ω; f = 1 kHz.
a.
SE
b.
BTL
Fig 8.
Output power as function of supply voltage.
828
50
0
10
20
30
40
12
Po
(W)
16
20
24
VCC (V)
MCE491
828
50
0
10
20
30
40
12
Po
(W)
16
20
24
VCC (V)
MCE492
VCC =18V; RL =4 Ω.VCC = 18 V; RL =8 Ω.
a.
SE
b.
BTL
Fig 9.
Total power dissipation as function of channel output power per channel (worst case, all channels driven).
MCE493
020
Po (W)
20
0
4
8
12
16
4
PD
(W)
812
16
0
20
Po (W)
20
0
4
8
12
16
4
PD
(W)
812
16
MCE494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com