Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IES-180-L Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IES-180-L
Description  Industrial 8-port unmanaged Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-180-L Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IES-180-L Datasheet HTML 1Page - ORing Industrial Networking Corp IES-180-L Datasheet HTML 2Page - ORing Industrial Networking Corp IES-180-L Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-281
1-281
Designed for Rugged Excellence
v1.0 / Nov, 2015
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
(Unit=mm)
Dimensions
ORing Switch Model
IES-180-L
Physical Ports
10/100 Base-T(X) Ports in RJ45
Auto MDI/MDIX
8
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3x for Flow control
MAC Table
1024 MAC address
Packet Buffer
448Kbits
Processing
Store-and-Forward
LED indicators
Power Indicator
Green : Power LED x 1
10/100Base-T(X) RJ45 Port Indicator
Green for port Link/Act. Amber for speed indicator – Amber for 100Mbps, off-light for 10Mbps
Power
Power Input
10~30 VDC voltage power input on 3-pin terminal block
Power Consumption (Typ.)
1.65 watts
Overload Current Protection
Present
Reverse Polarity Protection
Present
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
41 x 75 x 115 mm (1.61 x 2.95 x 4.53 inch)
Weight (g)
307 g
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com