Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IES-2050A Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IES-2050A
Description  Industrial 5-port slim type lite-managed Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-2050A Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IES-2050A Datasheet HTML 1Page - ORing Industrial Networking Corp IES-2050A Datasheet HTML 2Page - ORing Industrial Networking Corp IES-2050A Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-243
1-243
Designed for Rugged Excellence
Dimensions
(Unit=mm)
Specifications
ORing Switch Model
IES-2050A
Physical Ports
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX
5
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3x for Flow control
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
1024 MAC addresses
Priority Queues
4
Processing
Store-and-Forward
Switch Properties
Switching bandwidth : 1.0Gbps
VLAN : Port Based
Security Features
Enable/disable ports
VLAN to segregate and secure network traffic
Software Features
STP/RSTP (IEEE 802.1D/w)
Redundant Ring (O-Ring) with recovery time less than 10ms over 250 units
DHCP Client
Port base VLAN
LLDP (Link Layer Discovery Protocol)
Port configuration, status, statistics, monitoring, security
SNMP v1/v2c/v3 and private MIB support
Network Redundancy
O-Ring
Open-Ring
O-Chain
Fast recovery
STP
RSTP
DIP Switch Settings
P.F.
When power fault enable relay warning system (On : Enable, Off : Disable function)
R.E.
Enable/Disable O-Ring function (On : Enable, Off : Disable)
R.M.
Enable/Disable Ring Master Mode (On : Enable, Off : Disable)
R.S.
O-Ring redundant port select (On : ring port set to port-1 and port-5, Off : ring port set to port-1 and port-2)
Industrial Ethernet Switch DIN-Rail Lite-Managed Ethernet Switch
v1.2 / Nov, 2010



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com