Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS-2042P Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IPS-2042P
Description  Industrial 6-port lite-managed PoE Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IPS-2042P Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IPS-2042P Datasheet HTML 1Page - ORing Industrial Networking Corp IPS-2042P Datasheet HTML 2Page - ORing Industrial Networking Corp IPS-2042P Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1-385
1-385
Designed for Rugged Excellence
Dimensions
(Unit=mm)
ORing Switch Model
IPS-2042P
Physical Ports
10/100 Base-T(X) Ports in RJ45
Auto MDI/MDIX with P.S.E.
4
100Base-FX SFP Ports
2
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100BaseTX and 100Base-FX
IEEE 802.3x for Flow control
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
IEEE 802.3af PoE specification (up to 25 Watts per port for P.S.E.)
MAC Table
1024 MAC addresses
Priority Queues
4
Processing
Store-and-Forward
Switch Properties
Switching bandwidth : 1.2Gbps
VLAN : Port Based
Security Features
Enable/disable ports
VLAN to segregate and secure network traffic
SNMPv3 encrypted authentication and access security
Software Features
STP/RSTP (IEEE 802.1D/w)
Redundant Ring (O-Ring) with recovery time less than 10ms over 250 units
Open-Ring support the other vendor's ring technology in open architecture
Port configuration, status, statistics, monitoring, security
DHCP Client
Specifications
Industrial Ethernet Switch DIN-Rail Lite-Managed Fast PoE Ethernet Switch
v1.21 / Dec, 2011
PoE Pin Definition
RJ-45 Pin Definition
Pin No.
Description
#5
PoE Power input +
#6
RD-
#7
PoE Power input -
#8
PoE Power input -
RJ-45 Pin Definition
Pin No.
Description
#1
TD+
#2
TD-
#3
RD+
#4
PoE Power input +



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com