Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1207 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS1207
Description  12 bit 4 ANALOG INPUT 6 MSPS SIMULTANEOUS SAMPLING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1207 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS1207 Datasheet HTML 17Page - Texas Instruments THS1207 Datasheet HTML 18Page - Texas Instruments THS1207 Datasheet HTML 19Page - Texas Instruments THS1207 Datasheet HTML 20Page - Texas Instruments THS1207 Datasheet HTML 21Page - Texas Instruments THS1207 Datasheet HTML 22Page - Texas Instruments THS1207 Datasheet HTML 23Page - Texas Instruments THS1207 Datasheet HTML 24Page - Texas Instruments THS1207 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
THS1207
SLAS284A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
21
Control Register 1 (see Table 7)
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
1
RBACK
OFFSET
BIN/2s
R/W
RESERVED
RESERVED
RESERVED
RESERVED
SRST
RESET
Table 11. Control Register 1 Bit Functions
BITS
RESET
VALUE
NAME
FUNCTION
0
0
RESET
Reset
Writing a 1 into this bit resets the device and sets the control register 0 and control register 1 to the reset values.
To bring the device out of reset, a 0 has to be written into this bit.
1
0
SRST
Writing a 1 into this bit resets the sync generator. When running in multichannel mode, this must be set during the
configuration cycle.
2, 3
0,0
RESERVED
Always write 0
4
1
RESERVED
Always write 0
5
1
RESERVED
Always write 0
6
0
R/W
R/W, RD/WR selection
Bit 6 of control register 1 controls the function of the inputs RD and WR. When bit 6 in control register 1 is set to
1, WR becomes a R/W input and RD is disabled. From now on a read is signalled with R/W high and a write with
R/W as a low signal. If bit 6 in control register 1 is set to 0, the input RD becomes a read input and the input WR
becomes a write input.
7
0
BIN/2s
Complement select
If bit 7 of control register 1 is set to 0, the output value of the ADC is in twos complement. If bit 7 of
control register 1 is set to 1, the output value of the ADC is in binary format. Refer to Table 2 through Table 5.
8
0
OFFSET
Offset cancellation mode
Bit 8 = 0
→ normal conversion mode
Bit 8 = 1
→ offset calibration mode
If a 1 is written into bit 8 of control register 1, the device internally sets the inputs to zero and does a conver-
sion. The conversion result is stored in an offset register and subtracted from all conversions in order to
reduce the offset error.
9
0
RBACK
Debug mode
Bit 9 = 0
→ normal conversion mode
Bit 9 = 1
→ enable debug mode
When bit 9 of control register 1 is set to 1, debug mode is enabled. In this mode, the contents of control register 0
and control register 1 can be read back. The first read after bit 9 is set to 1 contains the value of control register 0.
The second read after bit 9 is set to 1 contains the value of control register 1. To bring the device back into normal
conversion mode, this bit has to be set back to 0 by writing again to control register 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com