Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL712CP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL712CP
Description  DIFFERENTIAL COMPARATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL712CP Datasheet(HTML) 1 Page - Texas Instruments

  TL712CP Datasheet HTML 1Page - Texas Instruments TL712CP Datasheet HTML 2Page - Texas Instruments TL712CP Datasheet HTML 3Page - Texas Instruments TL712CP Datasheet HTML 4Page - Texas Instruments TL712CP Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TL712
DIFFERENTIAL COMPARATOR
SLCS002B – JUNE 1983 – REVISED DECEMBER 1992
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operates From a Single 5-V Supply
D 0 to 5 V Common-Mode Input Voltage
Range
D Self-Biased Inputs
D Complementary 3-State Outputs
D Enable Capability
D Hysteresis ...5 mV Typ
D Response Times . . . 25 ns Typ
description
The TL712 is a high-speed comparator fabricated
with bipolar Schottky process technology. The
circuit
has
differential
analog
inputs
and
complementary 3-state TTL-compatible logic
outputs
with
symmetrical
switching
characteristics. When the output enable, (OE), is
low, both outputs are in the high-impedance state.
This device operates from a single 5-V supply and
is useful as a disk memory read-chain data
comparator.
The TL712 is characterized for operation from
0
°C to 70°C.
schematics of inputs and outputs
EQUIVALENT OF EACH
DIFFERENTIAL INPUT
VCC
Input
4 k
Nom
960
Nom
960
Nom
VCC
8.3 k
Nom
OE
VCC
85
Nom
Output
EQUIVALENT OF EACH ENABLE INPUT
TYPICAL OF ALL OUTPUTS
Copyright
© 1992, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
OE
IN –
IN +
4
2
3
7
6
OUT–
OUT+
1
2
3
4
8
7
6
5
NC
IN –
IN +
OE
VCC
OUT–
OUT+
GND
D, JG, P, OR PW PACKAGE
(TOP VIEW)
symbol (positive logic)
NC – No internal connection


Similar Part No. - TL712CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712CP TI-TL712CP Datasheet
263Kb / 11P
DIFFERENTIAL COMPARATOR
TL712CP TI-TL712CP Datasheet
259Kb / 12P
DIFFERENTIAL COMPARATOR
TL712CP TI-TL712CP Datasheet
927Kb / 16P
DIFFERENTIAL COMPARATOR
TL712CP TI1-TL712CP Datasheet
946Kb / 17P
Operates From a Single 5-V Supply
TL712CP TI2-TL712CP Datasheet
879Kb / 20P
DIFFERENTIAL COMPARATOR
REVISED AUGUST 2003
More results

Similar Description - TL712CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL712 TI-TL712 Datasheet
263Kb / 11P
DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
TL712 TI-TL712_06 Datasheet
259Kb / 12P
DIFFERENTIAL COMPARATOR
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SHLM339 SECOS-SHLM339 Datasheet
526Kb / 4P
Differential Comparator
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
Dual Differential Comparator
logo
Texas Instruments
TL712D TI-TL712D Datasheet
927Kb / 16P
DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM391CN5 CYSTEKEC-LM391CN5 Datasheet
384Kb / 8P
Differential Comparator
logo
List of Unclassifed Man...
UA710 ETC-UA710 Datasheet
103Kb / 2P
Differential Comparator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com