Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TH4
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH4 Datasheet(HTML) 2 Page - Vishay Siliconix

  TH4 Datasheet HTML 1Page - Vishay Siliconix TH4 Datasheet HTML 2Page - Vishay Siliconix TH4 Datasheet HTML 3Page - Vishay Siliconix TH4 Datasheet HTML 4Page - Vishay Siliconix TH4 Datasheet HTML 5Page - Vishay Siliconix TH4 Datasheet HTML 6Page - Vishay Siliconix TH4 Datasheet HTML 7Page - Vishay Siliconix TH4 Datasheet HTML 8Page - Vishay Siliconix TH4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TH4
www.vishay.com
Vishay Sprague
Revision: 26-Jun-17
2
Document Number: 40152
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
6.3 V
10 V
16 V
35 V
50 V
4.7
D (0.9)
10
B (1.8)
B (1.8)
B (2.0)
22
B (1.5)
B (1.6) C (1.4)
B (1.9) C (1.4, 1.0) D (0.8, 0.6)
D (0.5)
47
C (0.8)
C (0.5)
C (0.8) D (0.4, 0.7)
100
E (0.6)
MARKING
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating.
The Vishay identification marking is included if space permits. Vishay marking (“circled 2”) may show additives in the form of short lines,
depicting actual manufacturing facility. For A case capacitors discontinuation in polarity bar maybe used as actual manufacturing facility
designation. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
AT +25 °C
100 kHz
IRMS
(A)
6.3 VDC AT +85 °C; 3 VDC AT +175 °C
10
B
TH4B106(1)6R3(2)1800
0.6
6.0
1.800
0.22
22
B
TH4B226(1)6R3(2)1500
1.4
6.0
1.500
0.24
47
C
TH4C476(1)6R3(2)0800
3.0
6.0
0.800
0.37
10 VDC AT +85 °C; 5 VDC AT +175 °C
10
B
TH4B106(1)010(2)1800
1.0
4.5
1.800
0.22
22
B
TH4B226(1)010(2)1600
2.2
6.0
1.600
0.23
22
C
TH4C226(1)010(2)1400
2.2
6.0
1.400
0.28
47
C
TH4C476(1)010(2)0500
4.7
4.5
0.500
0.47
16 VDC AT +85 °C; 8 VDC AT +175 °C
10
B
TH4B106(1)016(2)2000
1.6
6.0
2.000
0.21
22
B
TH4B226(1)016(2)1900
3.5
6.0
1.900
0.21
22
C
TH4C226(1)016(2)1400
3.5
6.0
1.400
0.28
22
C
TH4C226(1)016(2)1000
3.5
6.0
1.000
0.33
22
D
TH4D226(1)016(3)0800
3.5
6.0
0.800
0.43
22
D
TH4D226(1)016(3)0600
3.5
6.0
0.600
0.50
47
C
TH4C476(1)016(2)0800
7.5
6.0
0.800
0.37
47
D
TH4D476(1)016(3)0700
7.5
6.0
0.700
0.46
47
D
TH4D476(1)016(3)0400
7.5
6.0
0.400
0.61
100
E
TH4E107(1)016(3)0600
16
8.0
0.600
0.52
35 VDC AT +85 °C; 17.5 VDC AT +175 °C
22
D
TH4D226(1)035(3)0500
6.0
6.0
0.500
0.55
50 VDC AT +85 °C; 25 VDC AT +175 °C
4.7
D
TH4D475(1)050(3)0900
2.4
6.0
0.900
0.41
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D
(3) Termination and packaging: C, D, V, U
Date code
Vishay marking
Indicates 175 °C temperature
Voltage
Capacitance, μF
Polarity
band (+)
22
B10
XX
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com