Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL8 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TL8
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TL8 Datasheet(HTML) 2 Page - Vishay Siliconix

  TL8 Datasheet HTML 1Page - Vishay Siliconix TL8 Datasheet HTML 2Page - Vishay Siliconix TL8 Datasheet HTML 3Page - Vishay Siliconix TL8 Datasheet HTML 4Page - Vishay Siliconix TL8 Datasheet HTML 5Page - Vishay Siliconix TL8 Datasheet HTML 6Page - Vishay Siliconix TL8 Datasheet HTML 7Page - Vishay Siliconix TL8 Datasheet HTML 8Page - Vishay Siliconix TL8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TL8
www.vishay.com
Vishay Sprague
Revision: 11-May-16
2
Document Number: 40156
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
0.68
W9
W9
1.0
W9W9W9W9
1.5
W9
2.2
W9W9W9
3.3
W9
W9
4.7
W9W9W9
6.8
10
W9
W9
W9
15
W9
W9
22
W9
W9
W9
33
W9
W9
B0
47
W9
A0
68
100
A0
A0
150
220
A0
MARKING
VOLTAGE CODE
CAPACITANCE CODE
VCODE
CAP, μF
CODE
2.5
e
0.68
w
4.0
G
1.0
A
6.3
J
2.2
J
10
A
3.3
N
16
C
4.7
S
20
D
6.8
W
25
E
10
35
V
15
e
50
T
22
j
33
n
47
s
68
w
100
A
150
E
220
J
Wx-cases
Ax-cases
Capacitance
code
e
A
Voltage
code
Polarity bar
EIA capacitance
code (pF)
107
J
Voltage
code
Polarity bar
Bx-cases
2
Vishay
marking
Mx-cases
E
Voltage code
Polarity bar
33 20
Voltage
Capacitance
Polarity bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com