Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCM
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCM Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCM Datasheet HTML 1Page - Vishay Siliconix TMCM Datasheet HTML 2Page - Vishay Siliconix TMCM Datasheet HTML 3Page - Vishay Siliconix TMCM Datasheet HTML 4Page - Vishay Siliconix TMCM Datasheet HTML 5Page - Vishay Siliconix TMCM Datasheet HTML 6Page - Vishay Siliconix TMCM Datasheet HTML 7Page - Vishay Siliconix TMCM Datasheet HTML 8Page - Vishay Siliconix TMCM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
2.5 V
4.0 V
6.3 V (7 V)
10 V
16 V
20 V
25 V
35 V
0.47
A
0.68
AA
1.0
AA
A
1.5
AA
A
A / B
2.2
A
A
A
A / B
A / B
3.3
A
A
A
A / B
A / B
B
4.7
A
A
A
A / BA / BA / B
C
6.8
A
A
A
A / B
A / B
B
B / C
C
10
A
A
A / B
A / B
A / B
B / C
B / C
C / E
15
A
A / B
A / B
A / B
A / B / C
B / C
C / E
E
22
A / B
A / B
A / B
A / B / C
A / B / C
B / C / E
C / E
E
33
A / B
A / B
A / B / C
A / B / C
B / C / E
C / E
E
47
A / B
A / B / C
A / B / C
A / B / C / E
B / C / E
E
E
68
A / B / C
A / B / C
A / B / C / E
B / C / E
C / E
E
100
A / B / C
A / B / C / E
A / B / C / E
B / C / E
C / E
150
A / B / C / E
A / B / C / E
B / C / E
C / E
220
A / B / C / E
A / B / C / E
B / C / E
E
330
B / C / E
B / C / E
C / E
E
470
B / C / E
E
E
MARKING
SIMPLIFIED VOLTAGE CODES, CASES A, B
VOLTAGE CODE
V
CODE
VOLTAGE CODE
V
CODE
2.5
e
16
C
4.0
G
20
D
6.3 (7)
J
25
E
10
A
35
V
SIMPLIFIED CAP CODES, CASES A, B
CAPACITANCE CODE
μF
CODE
CAPACITANCE CODE
μF
CODE
0.47
S5
22
J7
0.68
W5
33
N7
1.0
A647S7
1.5
E6
68
W7
2.2
J6
100
A8
3.3
N6
150
E8
4.7
S6
220
J8
6.8
W6
330
N8
10
A7
470
S8
15
E7
GA7A
Simplified code of nominal
capacitance (A7: 10 μF)
Anode indication belt mark
A, B Case
Date code
Simplified code of rated
voltage (G: 4 V)
16A
C, E Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance value (15 μF)
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com