Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP8 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TP8
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP8 Datasheet(HTML) 2 Page - Vishay Siliconix

  TP8 Datasheet HTML 1Page - Vishay Siliconix TP8 Datasheet HTML 2Page - Vishay Siliconix TP8 Datasheet HTML 3Page - Vishay Siliconix TP8 Datasheet HTML 4Page - Vishay Siliconix TP8 Datasheet HTML 5Page - Vishay Siliconix TP8 Datasheet HTML 6Page - Vishay Siliconix TP8 Datasheet HTML 7Page - Vishay Siliconix TP8 Datasheet HTML 8Page - Vishay Siliconix TP8 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TP8
www.vishay.com
Vishay Sprague
Revision: 11-May-16
2
Document Number: 40151
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
6.3 V
10 V
16 V
20 V
25 V
40 V
1.0
M
M
M / W
R
P
2.2
M
3.3
M
R
4.7
M
M
P
P
6.8
W
N / B
10
M
R
A / R
A
15
R
22
A
47
T / B
100
A
MARKING
VOLTAGE CODE
CAPACITANCE CODE
VCODE
CAP, μF
CODE
6.3
J
1.0
A
10
A
2.2
J
16
C
3.3
N
20
D
4.7
S
25
E
6.8
W
35
V
10
40
g
15
e
50
T
22
j
33
n
47
s
68
w
100
A
M-Case
Voltage code
A
Polarity bar
N, T, B-Case
2
Vishay
marking
47 10
Voltage
Capacitance
Polarity bar
P, R, W-Case
A-Case
Capacitance
code
Voltage
code
Polarity bar
EIA capacitance
code (pF)
107
J
Voltage
code
Polarity bar
AW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com