Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP559 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP559
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP559 Datasheet HTML 1Page - Toshiba Semiconductor TLP559 Datasheet HTML 2Page - Toshiba Semiconductor TLP559 Datasheet HTML 3Page - Toshiba Semiconductor TLP559 Datasheet HTML 4Page - Toshiba Semiconductor TLP559 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLP559(IGM)
2002-05-27
2
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
(Note 1)
IF
25
mA
Pulse Forward Current
(Note 2)
IFP
50
mA
Peak Transient Forward Current
(Note 3)
IFPT
1
A
Reverse Voltage
VR
5
V
Diode Power Dissipation
(Note 4)
PD
45
mW
Output Current
IO
8
mA
Peak Output Current
IOP
16
mA
Output Voltage
VO
−0.5~20
V
Supply Voltage
VCC
−0.5~30
V
Output Power Dissipation
(Note 5)
PO
100
mW
Operating Temperature Range
Topr
−55~100
°C
Storage Temperature Range
Tstg
−55~125
°C
Lead Solder Temperature(10s)
(Note 6)
Tsol
260
°C
Isolation Voltage(AC,1min.,R.H.≤60%,Ta=25°C)
(Note 7)
BVS
2500
Vrms
(Note 1) Derate 0.5mA above 70°C.
(Note 2) 50% duty cycle,1ms pulse width.
Derate –1.0mA/°C above 70°C.
(Note 3) Pulse width PW≤1µs,300pps.
(Note 4) Derate 0.9mW/°C above 70°C.
(Note 5) Derate 2mW/°C above 70°C.
(Note 6) Soldering portion of lead : up to 2mm from the body of the device.
(Note 7) Device considerd a two terminal device : pins1,2,3 and 4 shorted together and
pins5,6,7 and 8 shorted together.
ELECTRICAL CHARACTERISTICS (Ta = 25℃
℃
℃
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 16 mA
―
1.65
1.85
V
Forward Voltage
Temperature Coefficient
∆VF /∆Ta
IF = 16 mA
―
−2
―
mV /°C
Reverse Current
IR
VR = 5 V
―
―
10
µA
Capacitance between Terminal
CT
V = 0, f = 1 MHz
―
45
―
pF
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
―
3
500
nA
IOH (2)
IF = 0 mA, VCC = 30 V
VO = 20 V
―
―
5
High Level Output Current
IOH
IF = 0 mA, VCC = 30 V
VO = 20 V, Ta = 70°C
―
―
50
µA
High Level Supply Voltage
ICCH
IF = 0 mA, VCC = 30 V
―
0.01
1
µA
Supply Voltage
VCC
ICC = 0.01 mA
30
―
―
V
Output Voltage
VO
IO = 0.5 mA
20
―
―
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com