Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10A3 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 10A3
Description  GENERAL PURPOSE PLASTICK RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

10A3 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  10A3 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 10A3 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
星合电子
XINGHE ELECTRONICS
1
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM


Similar Part No. - 10A3

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
10A3 JINANJINGHENG-10A3 Datasheet
64Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
NIHON DEMPA KOGYO
10A30CB NDK-10A30CB Datasheet
84Kb / 1P
10.7 MHz- and 21.4 MHz-Series MCF
10A30DB NDK-10A30DB Datasheet
84Kb / 1P
10.7 MHz- and 21.4 MHz-Series MCF
logo
Jinan Jingheng (Group) ...
10A3G JINANJINGHENG-10A3G Datasheet
65Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
10A3G JINANJINGHENG-10A3G Datasheet
59Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - 10A3

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Gaomi Xinghe Electronic...
1A1 GXELECTRONICS-1A1 Datasheet
321Kb / 2P
GENERAL PURPOSE PLASTICK RECTIFIER
1N4001W GXELECTRONICS-1N4001W Datasheet
315Kb / 2P
GENERAL PURPOSE PLASTICK RECTIFIER
1N5391 GXELECTRONICS-1N5391 Datasheet
448Kb / 2P
GENERAL PURPOSE PLASTICK RECTIFIER
BY127 GXELECTRONICS-BY127 Datasheet
363Kb / 2P
GENERAL PURPOSE PLASTICK RECTIFIER
BY251 GXELECTRONICS-BY251 Datasheet
327Kb / 2P
GENERAL PURPOSE PLASTICK RECTIFIER
BY550-50 GXELECTRONICS-BY550-50 Datasheet
321Kb / 2P
GENERAL PURPOSE PLASTICK RECTIFIER
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com