Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2838 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2838
Description  SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2838 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2838 Datasheet HTML 1Page - Texas Instruments TPS2838 Datasheet HTML 2Page - Texas Instruments TPS2838 Datasheet HTML 3Page - Texas Instruments TPS2838 Datasheet HTML 4Page - Texas Instruments TPS2838 Datasheet HTML 5Page - Texas Instruments TPS2838 Datasheet HTML 6Page - Texas Instruments TPS2838 Datasheet HTML 7Page - Texas Instruments TPS2838 Datasheet HTML 8Page - Texas Instruments TPS2838 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS2838, TPS2839
TPS2848, TPS2849
SLVS367A – MARCH 2001 – REVISED JUNE 2001
SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DRIVE REGULATOR
1
www.ti.com
FEATURES
D Integrated Drive Regulator (4 V to 14 V)
D Adjustable/Adaptive Dead-Time Control
D 4-A Peak current at VDRV of 14 V
D 10-V to 15-V Supply Voltage Range
D TTL-Compatible Inputs
D Internal Schottky Diode Reduces Part Count
D Synchronous or Nonsynchronous Operation
D Inverting and Noninverting Options
D TSSOP PowerPad Package for Excellent
Thermal Performance
APPLICATIONS
D Single or Multiphase Synchronous-Buck
Power Supplies
D High-Current DC/DC Power Modules
DESCRIPTION
The TPS2838/39/48/49 devices are MOSFET
drivers
designed
for
high-performance
synchronous power supplies. The drivers can
source and sink up to 4-A peak current at a 14-V
drive voltage. These are ideal devices to use with
power supply controllers that do not have on-chip
drivers. The low-side driver is capable of driving
loads of 3.3 nF in 10-ns rise/fall times and has
40-ns propagation delays at room temperature.
The MOSFET drivers have an integrated 150-mA
regulator, so the gate drive voltage can be
optimized for specific MOSFETs. The TPS2848
and TPS2849 have a fixed 8-V drive regulator,
while the TPS2838/39 allow the drive regulator to
be adjusted from 4 V to 14 V by selection of two
external resistors.
The devices feature VDRV to PGND shoot-
through
protection
with
adaptive/adjustable
deadtime control. The deadtime, for turning on the
high-side FET from LOWDR transitioning low, is
adjustable with an external capacitor on the
DELAY pin. This allows compensation for the
effect the gate resistor has on the synchronous
FET turn off. The adaptive deadtime prevents the
turning on of the low-side FET until the voltage on
the BOOTLO pin falls below a threshold after the
high-side FET stops conducting. The high-side
drive can be configured as a ground referenced
driver or a floating bootstrap driver. The internal
Schottky diode minimizes the size and number of
external components needed for the bootstrap
driver circuit. Only one external ceramic capacitor
is required to configure the bootstrap driver.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ENABLE
IN
PWRRDY
DELAY
NC
DT
AGND
BOOT
HIGHDR
BOOTLO
VCC
VDRV
LOWDR
PGND
Thermal
Pad
TPS2848, TPS2849
PWP PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ENABLE
IN
PWRRDY
DELAY
SYNC
ADJ
DT
AGND
BOOT
HIGHDR
BOOTLO
VCC
VDRV
LOWDR
NC
PGND
Thermal
Pad
TPS2838, TPS2839
PWP PACKAGE
(TOP VIEW)
ACTUAL SIZE
(5,1 mm x 6,6 mm)
ACTUAL SIZE
(5,1 mm x 6,6 mm)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TPS2838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2838 TI2-TPS2838 Datasheet
660Kb / 24P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
REVISED JUNE 2001
TPS2838PWP TI2-TPS2838PWP Datasheet
660Kb / 24P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
REVISED JUNE 2001
TPS2838PWP.A TI2-TPS2838PWP.A Datasheet
660Kb / 24P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
REVISED JUNE 2001
More results

Similar Description - TPS2838

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
Synchronous-Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
HIP6601A RENESAS-HIP6601A Datasheet
489Kb / 11P
Synchronous Rectified Buck MOSFET Drivers
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com