Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC120 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC120
Description  RoHS Compliant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC120 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC120 Datasheet HTML 1Page - Bel Fuse Inc. ABC120 Datasheet HTML 2Page - Bel Fuse Inc. ABC120 Datasheet HTML 3Page - Bel Fuse Inc. ABC120 Datasheet HTML 4Page - Bel Fuse Inc. ABC120 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
ABC120 Series
tech.support@psbel.com
Operating Temperature4
Startup guaranteed (derate linearly above 50°C to 70°C, see Fig 1.)
-40 to +70°C
-40 to 0°C
Storage Temperature
-40 to +85°C
Cooling
Forced: with 300LFM (refer mechanical drawing)
Convection: for input 100-264 VAC (derate linearly to 80 W @ 85 VAC)
120 W
100 W
Relative Humidity
Noncondensing
5% to 95%
Altitude
Operating:
Non-operating:
16,000 ft
40,000 ft.
Reliability
MTBF according to Telcordia -SR332-Issue 3
3.00 million hours
Convection load: 100 W up to 50 °C
De-rate above 50 °C @ 2.5% per °C
Forced air cooled load: 120 W up to 50°C
De-rate above 50 °C @ 2.5% per °C
Figure 1. Derating Curve
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
Screw Terminal (Option 1)
Molex: 39357-0003
Tyco-2-1776112-3
Molex Header (Option 2)
Molex: 1722861103
(Mating conn: Molex 1722561003)
DC Output Connector
J2
Pin 1, 2
Pin 3, 4
V1 -VE
V1 +VE
Screw Terminal (Option 1)
Molex: 39357-0004
Tyco-2-1776112-4
Molex Header (Option 2)
Molex: 1722861104
(Mating conn: Molex 1722561004)
Weight
150 g
Dimensions
76.2 x 50.8 x 30.1 mm (3 x 2 x 1.18 inch)
4 Output ripple can be more than 10% of the output voltage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com