Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC350 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC350
Description  RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC350 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC350 Datasheet HTML 1Page - Bel Fuse Inc. ABC350 Datasheet HTML 2Page - Bel Fuse Inc. ABC350 Datasheet HTML 3Page - Bel Fuse Inc. ABC350 Datasheet HTML 4Page - Bel Fuse Inc. ABC350 Datasheet HTML 5Page - Bel Fuse Inc. ABC350 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The ABC350 Series of open frame power supplies feature a wide
universal AC input range of 90 – 264 VAC, offering 350 W of output
power in a compact 3 x 5 x 1 inch footprint, with a variety of isolated
single output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
3 x 5 x 1 Inch Form Factor
•
350 W with Forced Air Cooling & 200 W with Convection Cooling
•
Efficiencies up to 94%
•
-40 to 70°C Operating Temperature
•
12 V / 0.5 A Fan Output, Thermal Shut-Down Feature
•
2.56 Million Hours, Telcordia -SR332-Issue 3 MTBF
•
Standby Power < 0.5 W
•
Approved to EN60950-1
•
RoHS Compliant
▪
Instrumentation
▪
Lighting
▪
Industrial Applications
▪
Applied Computing
▪
Renewable Energy
▪
Test and Measurement
▪
Automation Control
▪
Wireless Communication


Similar Part No. - ABC350

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC350 BEL-ABC350 Datasheet
762Kb / 7P
350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC350-1012L BEL-ABC350-1012L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
ABC350-1015L BEL-ABC350-1015L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
ABC350-1024L BEL-ABC350-1024L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
ABC350-1030L BEL-ABC350-1030L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
More results

Similar Description - ABC350

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com