Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2838PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2838PWPR
Description  SYNCHRONOUS BUCK MOSFET DRIVERS WITH DRIVE REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2838PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2838PWPR Datasheet HTML 9Page - Texas Instruments TPS2838PWPR Datasheet HTML 10Page - Texas Instruments TPS2838PWPR Datasheet HTML 11Page - Texas Instruments TPS2838PWPR Datasheet HTML 12Page - Texas Instruments TPS2838PWPR Datasheet HTML 13Page - Texas Instruments TPS2838PWPR Datasheet HTML 14Page - Texas Instruments TPS2838PWPR Datasheet HTML 15Page - Texas Instruments TPS2838PWPR Datasheet HTML 16Page - Texas Instruments TPS2838PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TPS2838, TPS2839
TPS2848, TPS2849
SLVS367A – MARCH 2001 – REVISED JUNE 2001
13
www.ti.com
TYPICAL CHARACTERISTICS
Figure 12
SUPPLY CURRENT
vs
INPUT VOLTAGE (VDRV)
VI – Input Voltage (VDRV) – V
0
1
10
7
8
9
2
3
5
4
6
46
8
10
13
57
9
11
12
15
14
CL = 50 pF
TJ = 25°C
50 kHz
25 kHz
300 kHz
200 kHz
100 kHz
500 kHz
Figure 13
SUPPLY CURRENT
vs
INPUT VOLTAGE (VDRV)
VI – Input Voltage (VDRV) – V
0
2.5
25
17.5
20
22.5
5
7.5
12.5
10
15
46
8
10
13
57
9
11
12
15
14
CL = 50 pF
TJ = 25°C
1 MHz
2 MHz
Figure 14
PEAK SOURCE CURRENT
vs
INPUT VOLTAGE (VDRV)
VI – Input Voltage (VDRV) – V
0
0.5
4
2.5
3
3.5
1
1.5
2
4.5
46
8
10
13
57
9
11
12
15
14
TJ = 25°C
High Side
Low Side
Figure 15
PEAK SINK CURRENT
vs
INPUT VOLTAGE (VDRV)
VI – Input Voltage (VDRV) – V
0
0.5
4
2.5
3
3.5
1
1.5
2
4.5
46
8
10
13
57
9
11
12
15
14
5
TJ = 25°C
High Side
Low Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com