Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF3701 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF3701
Description  0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3701 Datasheet(HTML) 1 Page - Texas Instruments

  TRF3701 Datasheet HTML 1Page - Texas Instruments TRF3701 Datasheet HTML 2Page - Texas Instruments TRF3701 Datasheet HTML 3Page - Texas Instruments TRF3701 Datasheet HTML 4Page - Texas Instruments TRF3701 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TRF3701
0.6 GHz to 1.0 GHz
QUADRATURE MODULATOR
SLWS145 – FEBRUARY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FEATURES
D Typical Carrier Suppression > 35 dBc
D Large Signal Output
D Differential or Single-Ended Signal Output
D Silicon Germanium Technology
APPLICATIONS
D Transmit Channel TDMA: GSM, IS-136,
Edge/UMC-136
D CDMA: IS-95, UMTS, CDMA2000
D Wireless Local Loop
D Wireless LAN IEEE 802.11
D LMDS, MMDS
description
The TRF3701 is a low noise quadrature direct modulator that is capable of converting complex input signals
from 0 – 300 MHz up to RF. An internal analog combiner sums the real and imaginary components of the RF
outputs. This combined output can directly feed the RF pre-amp at frequencies of up to 1.0 GHz. The modulator
is implemented as a double balanced mixer. An internal LO phase splitter accommodates a single LO input.
functional block diagram
Σ
–45
+45
IVIN
IREF
QVIN
QREF
PWD GND
VCC
RFOUT
LO
50
Copyright
 2003, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TRF3701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHC TI-TRF3701IRHC Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHCG4 TI-TRF3701IRHCG4 Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHCR TI-TRF3701IRHCR Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3701IRHCRG4 TI-TRF3701IRHCRG4 Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701_07 Datasheet
463Kb / 31P
0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com