Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC550 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC550
Description  5 x 3 x 1.5 Inch Form Factor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC550 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC550 Datasheet HTML 1Page - Bel Fuse Inc. ABC550 Datasheet HTML 2Page - Bel Fuse Inc. ABC550 Datasheet HTML 3Page - Bel Fuse Inc. ABC550 Datasheet HTML 4Page - Bel Fuse Inc. ABC550 Datasheet HTML 5Page - Bel Fuse Inc. ABC550 Datasheet HTML 6Page - Bel Fuse Inc. ABC550 Datasheet HTML 7Page - Bel Fuse Inc. ABC550 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The ABC550 Series of open frame power supplies feature a wide
universal AC input range of 90 – 264 VAC, offering up to 550 W of
output power with forced air cooling, or 250 W with conduction cooling
in a compact footprint, with a variety of isolated single output voltages.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
These power supplies are ideal for medical, telecom, datacom,
industrial equipment and other applications.
•
5 x 3 x 1.5 Inch Form Factor
•
Up to 550 Watts with Forced Air Cooling
•
Efficiencies up to 92%
•
-40 to 70°C Operating Temperature
•
12 V / 0.5 A Fan Output, Thermal Shut-Down Feature
•
MTBF >3 million hours as per Telcordia SR-332, Issue 3
•
RoHS Compliant
•
CE Marked
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication


Similar Part No. - ABC550

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC550 BEL-ABC550 Datasheet
1Mb / 8P
Up to 550 Watts with Forced Air Cooling
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
Up to 550 Watts with Forced Air Cooling
ABC550-1T15 BEL-ABC550-1T15 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
ABC550-1T15 BEL-ABC550-1T15 Datasheet
1Mb / 8P
Up to 550 Watts with Forced Air Cooling
More results

Similar Description - ABC550

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
5 x 3 x 0.75 Inches form factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC550-1T12 BEL-MBC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
MBC275 BEL-MBC275 Datasheet
1Mb / 7P
5 x 3 x 0.75 Inches Form factor
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
ABC275 BEL-ABC275_V01 Datasheet
722Kb / 7P
5 x 3 x 0.75 Inch Form Factor
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
5 x 3 x 1.5 inch form factor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com