Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600-1012G Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC600-1012G
Description  Active power factor correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600-1012G Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC600-1012G Datasheet HTML 1Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 2Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 3Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 4Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 5Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 6Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 7Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 8Page - Bel Fuse Inc. ABC600-1012G Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
tech.support@psbel.com
Psb nom
Nominal Output Power
Vsb = 5 VDC
5
W
Vsb pp
Output Ripple Voltage
Vsb nom, Isb nom, 20 MHz BW
100
mV
Vsb Load reg
Load Regulation
Vsb = Vsb nom, 0…100% Isb nom
4.8
5.1
V
Vsb Line reg
Line Regulation
Vsb =Vsb min…Vsb max
2
% Vsb
Isb max
Current Limitation
Constant current limit then hiccup
120
150
% Isb
Vsb dyn
Dynamic Load Regulation
50 to 100% of load change, 50 Hz, 50%
duty cycle, 1A/us
-5
+5
% Vsb
Tsb rec
Recovery Time
0.5
5
mS
Csb Load
Capacitive Loading
Tamb = 25°C
220
μF
Fan Output Vfan
Vfan nom
Nominal Output Voltage
12
VDC
Vfan total reg
Total Regulation
Vfan min to Vfan max, 0 to 100% I1 nom, Tamb
min
to Tamb max
-20
+20
% Vfan
nom
Pfan nom
Nominal Output Power
Vfan = 12 VDC, Power darating linearly to
50% at 70°C, refer to figure 2
12
W
Vfan pp
Output Ripple Voltage
Vfan nom, Ifan nom, 20 MHz BW
2
% Vfan
nom
Ifan max
Current Limitation
Tamb = 25°C
270
% Ifan nom
Vfan dyn
Dynamic Load Regulation
50 to 100% of load change, 50 Hz, 50%
duty cycle, 1A/us
-5
+5
% Vfan
nom
Tfan rec
Recovery Time
0.5
5
mS
Cfan Load
Capacitive Loading
Tamb = 25°C
220
μF
NOTES:
1.
The output noise and ripple measurement was made with 20 MHz bandwidth using a 6 inch twisted pair, terminated with a 10 uF tantalum
capacitor in parallel with a 0.1 uF ceramic capacitor.
2.
For ABC600-1048G/52G, the current share abs (I1-I2) should be less than 3 A at light load (< 25% of full load).
Figure 2. Output Power vs. Temperature
NOTE: Power darating linearly to 50% at 70ºC for the output including main output V1, Vfan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com