Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP30 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MAP30
Description  RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MAP30 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MAP30 Datasheet HTML 1Page - Bel Fuse Inc. MAP30 Datasheet HTML 2Page - Bel Fuse Inc. MAP30 Datasheet HTML 3Page - Bel Fuse Inc. MAP30 Datasheet HTML 4Page - Bel Fuse Inc. MAP30 Datasheet HTML 5Page - Bel Fuse Inc. MAP30 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MAP30/40/42 Series
tech.support@psbel.com
MODEL 9
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAX OUTPUT
CURRENT
PEAK
OUTPUT
CURRENT 1
LINE
REGULATION
LOAD
REGULATION
RIPPLE &
NOISE 2
INITIAL SETTING
ACCURACY
MAP30-1005G
5V
4.7V to 5.8V
6A
8A 8
0.2%
±1%
1%
4.9V to 5.1V
MAP42-1005
5V
4.7V to 5.8V
8A
11A
0.2%
±1%
1%
4.9V to 5.1V
MAP42-1012G
12V/15V
11V to 18V
3.4/2.7A 3
4.6/3.7A 3
0.2%
1%
1%
11.9V to 12.1V
MAP42-1024G
24V/28V
23V to 29V
1.7/1.4A 3
2.3/1.9A 3
0.2%
1%
1%
23.8V to 24.2V
MODEL 9
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
OUTPUT
CURRENT
PEAK
OUTPUT
CURRENT 4
LINE
REGULATION
LOAD
REGULATION
RIPPLE &
NOISE 2
INITIAL SETTING
ACCURACY
MAXIMUM
OUTPUT
POWER
MAP40-3000G
+5V
4.7V to 5.5V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
40 W 7
+12V
Fixed
2A
3.5A
1%
3.5% 5
1%
11.5V to 12.5V
-12V
Fixed
0.3A
0.5A
1%
2% 6
1%
-11.5V to -12.5V
MAP40-3100G
+5V
4.75V to
5.25V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
+12V
Fixed
2A
3.5A
1%
3.5% 5
1%
11.5V to 12.5V
40 W 7
-12V
Fixed
0.3A
0.5A
1%
2%
1%
-11.4V to -12.6V
MAP40-3101G
+5V
4.75V to
5.25V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
40 W 7
+24V
Fixed
1A
1.5A
1%
3.5% 5
1%
23.0V to 25.0V
-12V
Fixed
0.3A
0.5A
1%
2%
1%
-11.5V to -12.5V
MAP40-3105G
+5V
4.7V to 5.8V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
40 W 7
+12V
Fixed
2A
3.5A
1%
3.5% 5
1%
11.5V to 12.5V
-5V
Fixed
0.5A
1A
1%
2%
1%
-4.75V to -5.25V
MAP40-3500G
+5V
4.7V to 5.8V
5A
6A
0.2%
2%
1%
4.9V to 5.1V
40 W 7
+12V
Fixed
1A
3.5A
1%
3.5% 5
1%
11.5V to 12.5V
-12V
Fixed
0.3A
0.5A
1%
2%
1%
-11.4V to -12.6V
MAP40-3003G
+5V
4.7V to 5.8V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
40 W 7
+15V
Fixed
1.5A
3A
1%
3.5% 5
1%
14.7V to 15.3V
-15V
Fixed
0.2A
0.5A
1%
2% 6
1%
-14.3V to -15.7V
1 Peak ratings may be used as maximum output current with 100 Linear Feet per Minute (LFM) forced air cooling.
2 Maximum peak to peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
3 MAP42-1012G output currents are expressed as 12V/15V operation. MAP42-1024G output currents are expressed as 24V/28V operation.
4 Peak loads for 30 seconds or less are acceptable, (10% duty cycle max.).
5 Quasi regulated output. See Regulation Curves for more information.
6 Requires a minimum load of 0.5A on V1 or 0.3A on V2.
7 Needs 170 LFM forced air cooling for use at 50°C ambient.
8 Needs 200 LFM forced air cooling for use at 50°C ambient.
9 Non-G models use lead solder exemption and are not recommended for new designs.
Xxx Model highlighted in yellow is not recommended for new designs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com