Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C04-RMB6TP Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24C04-RMB6TP
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04-RMB6TP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24C04-RMB6TP Datasheet HTML 4Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 5Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 6Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 7Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 8Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 9Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 10Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 11Page - STMicroelectronics M24C04-RMB6TP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
8/29
Figure 6. Write Mode Sequences with WC=1 (data write inhibited)
Write Operations
Following a Start condition the bus master sends
a Device Select Code with the RW bit reset to 0.
The device acknowledges this, as shown in Figure
7., and waits for an address byte. The device re-
sponds to the address byte with an acknowledge
bit, and then waits for the data byte.
When the bus master generates a Stop condition
immediately after the Ack bit (in the “10th bit” time
slot), either at the end of a Byte Write or a Page
Write, the internal memory Write cycle is triggered.
A Stop condition at any other time slot does not
trigger the internal Write cycle.
During the internal Write cycle, Serial Data (SDA)
and Serial Clock (SCL) are ignored, and the de-
vice does not respond to any requests.
Byte Write
After the Device Select code and the address byte,
the bus master sends one data byte. If the ad-
dressed location is Write-protected, by Write Con-
trol (WC) being driven High (during the period from
the Start condition until the end of the address
byte), the device replies to the data byte with
NoAck, as shown in Figure 6., and the location is
not modified. If, instead, the addressed location is
not Write-protected, the device replies with Ack.
The bus master terminates the transfer by gener-
ating a Stop condition, as shown in Figure 7..
Page Write
The Page Write mode allows up to 16 bytes to be
written in a single Write cycle, provided that they
are all located in the same page in the memory:
that is, the most significant memory address bits
are the same. If more bytes are sent than will fit up
to the end of the page, a condition known as ‘roll-
over’ occurs. This should be avoided, as data
starts to become overwritten in an implementation
dependent way.
The bus master sends from 1 to 16 bytes of data,
each of which is acknowledged by the device if
Write Control (WC) is Low. If the addressed loca-
tion is Write-protected, by Write Control (WC) be-
ing driven High (during the period from the Start
Byte Write
DEV SEL
BYTE ADDR
DATA IN
WC
Page Write
DEV SEL
BYTE ADDR
DATA IN 1
DATA IN 2
WC
DATA IN 3
AI02803C
Page Write
(cont'd)
WC (cont'd)
DATA IN N
ACK
ACK
NO ACK
R/W
ACK
ACK
NO ACK
NO ACK
R/W
NO ACK
NO ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com