Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6044020 Datasheet(PDF) 7 Page - SICK AG

Part # 6044020
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6044020 Datasheet(HTML) 7 Page - SICK AG

  6044020 Datasheet HTML 1Page - SICK AG 6044020 Datasheet HTML 2Page - SICK AG 6044020 Datasheet HTML 3Page - SICK AG 6044020 Datasheet HTML 4Page - SICK AG 6044020 Datasheet HTML 5Page - SICK AG 6044020 Datasheet HTML 6Page - SICK AG 6044020 Datasheet HTML 7Page - SICK AG 6044020 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VTB180-2F32417 | V180-2
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Terminal and alignment brackets
Mounting bracket with ball-and-socket, Plastic, mounting hardware included
BEF-WN-M18-ST02
5312973
Clamping block for round sensors M18, without fixed stop, plastic (PA12), glass-fiber re-
inforced, mounting hardware included
BEF-KH-M18
2051481
Clamping block for round sensors M18, with fixed stop, plastic (PA12), glass-fiber rein-
forced, mounting hardware included
BEF-KHF-M18
2051482
Mounting ring, Stainless steel, without mounting hardware
BEF-WN-MH15-2V
4053358
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-G02M
6009382
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-W02M
6009383
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-W05M
6009867
Head A: female connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
DOS-1204-G
6007302
Head A: female connector, M12, 4-pin, angled
Head B: -
Cable: unshielded
DOS-1204-W
6007303
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com