Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS210 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # ABS210
Description  Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

ABS210 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  ABS210 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. ABS210 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
版本(Rev.):201606A
2/5
ABS210
绝对最大额定值 ABSOLUTE RATINGS
(TA=25℃)
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
最大反向重复峰值电压
Maximum Repetitive Reverse Voltage
VRRM
1000
V
最大均方根电压
Maximum RMS Voltage
VRMS
700
V
最大直流阻断电压
Maximum DC Blocking Voltage
VDC
1000
V
正向平均整流电流
Average Rectified Forward Current TA=50℃
IF(AV)
2
A
非重复峰值正向浪涌电流
Non-repetitive Peak Forward Surge Current
额定负载 8.3ms 半正弦波
8.3 ms Single Half-Sine-Wave
IFSM
60
A
最高结温
Maximum Junction Temperature
Tj
150
℃
储存温度
Storage Temperature Range
TSTG
-55~+150
℃
电特性 ELECTRICAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
最大反向电流
Maximum Reverse Current TA = 25°C
TA = 125°C
IR
5.0
500
uA
单管正向电压
Forward Voltage per element IF = 2A
VF
1.1
V
热特性 THERMAL CHARACTERISTICS
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
单管结到环境的热阻
Thermal Resistance Junction to Ambient ,per leg
RθJA
62.5
单管结到管脚的热阻
Thermal Resistance Junction to Lead ,per leg
RθJL
25
/W
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com