Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP723AP Datasheet(PDF) 4 Page - Littelfuse

Part # SP723AP
Description  TVS Diode Arrays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723AP Datasheet(HTML) 4 Page - Littelfuse

  SP723AP Datasheet HTML 1Page - Littelfuse SP723AP Datasheet HTML 2Page - Littelfuse SP723AP Datasheet HTML 3Page - Littelfuse SP723AP Datasheet HTML 4Page - Littelfuse SP723AP Datasheet HTML 5Page - Littelfuse SP723AP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
243
www .littelfuse .com
5
TVS Diode Arrays
SP723
Electronic Protection Array for ESD and Overvoltage Protection
Peak Transient Current Capability of the SP723
The peak transient current capability rises sharply as the width of the
current pulse narrows. Destructive testing was done to fully evaluate the
SP723’s ability to withstand a wide range of peak current pulses vs time.
The circuit used to generate current pulses is shown in Figure 5.
The test circuit of Figure 5 is shown with a positive pulse input. For a
negative pulse input, the (-) current pulse input goes to an SP723 ‘IN’
input pin and the (+) current pulse input goes to the SP723 V- pin. The
V+ to V- supply of the SP723 must be allowed to float. (i.e., It is not tied
to the ground reference of the current pulse generator.) Figure 6 shows
the point of overstress as defined by increased leakage in excess of the
data sheet published limits.
The maximum peak input current capability is dependent on the ambient
temperature, improving as the temperature is reduced. Peak current
curves are shown for ambient temperatures of 25oC and 105oC and a 15V
power supply condition. The safe operating range of the transient peak
current should be limited to no more than 75% of the measured over-
stress level for any given pulse width as shown in the curves of Figure 6.
Note that adjacent input pins of the SP723 may be paralleled to improve
current (and ESD) capability. The sustained peak current capability is
increased to nearly twice that of a single pin.
+
-
CURRENT
SENSE
VOLTAGE
PROBE
6
7
8
5
1
2
3
4
IN
IN
IN
V-
V+
IN
IN
IN
+
-
R1 ~ 10Ω TYPICAL
SP723
VX
VX ADJ. 10V/A TYPICAL
R1
(
-)
(+)
C1 ~ 100µF
C1
VARIABLETIME DURATION
CURRENT PULSE GENERATOR
FIGURE 5. TYPICAL SP723 PEAK CURRENT TEST CIRCUIT
WITH A VARIABLEPULSE WIDTH INPUT
FIGURE 6. SP723 TYPICAL SINGLE PULSE PEAK CURRENT CURVES SHOWING THE MEASURED POINT OF OVERSTRESS IN
AMPERES vs PULSE WIDTH TIME IN MILLISECONDS
0.001
0.01
0.1
1
PULSE WIDTH TIME (ms)
10
14
12
10
8
6
4
2
0
100
1000
CAUTION:
OF THE VALUES SHOWN ON EACH CURVE.
PULSE WIDTH TO BE NO GREATER THAN 75%
THE MAXIMUM PEAK CURRENT FOR A GIVEN
V+ TO V- SUPPLY = 15V
TA = 105
oC
TA = 25
oC
SAFE OPERATING CONDITIONS LIMIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com