Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7147 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7147
Description  CapTouch Programmable Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7147 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7147 Datasheet HTML 17Page - Analog Devices AD7147 Datasheet HTML 18Page - Analog Devices AD7147 Datasheet HTML 19Page - Analog Devices AD7147 Datasheet HTML 20Page - Analog Devices AD7147 Datasheet HTML 21Page - Analog Devices AD7147 Datasheet HTML 22Page - Analog Devices AD7147 Datasheet HTML 23Page - Analog Devices AD7147 Datasheet HTML 24Page - Analog Devices AD7147 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
AD7147
Data Sheet
Table 12. Proximity Control Registers (See Figure 34)
Bit Name
Length
(Bits)
Register Address
Description
FP_PROXIMITY_CNT
4
0x002[7:4]
Calibration disable time in full power mode.
LP_PROXIMITY_CNT
4
0x002[11:8]
Calibration disable time in low power mode.
FP_PROXIMITY_RECAL
8
0x004[9:0]
Full power mode proximity recalibration time.
LP_PROXIMITY_RECAL
6
0x004[15:10]
Low power mode proximity recalibration time.
PROXIMITY_RECAL_LVL
8
0x003[7:0]
Proximity recalibration level. This value multiplied by 16 controls the
sensitivity of Comparator 2 (see Figure 34).
PROXIMITY_DETECTION_RATE
6
0x003[13:8]
Proximity detection rate. This value multiplied by 16 controls the
sensitivity of Comparator 1 (see Figure 34).
CALIBRATION ENABLED
CALIBRATION DISABLED
PROXIMITY
DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
CDC CONVERSION
SEQUENCE
(INTERNAL)
USER LEAVES
SENSOR AREA
USER APPROACHES
SENSOR
17 18 19 20 21 22 23 24
tCONV_FP
tCALDIS
Figure 30. Example of Full Power Mode Proximity Detection (FP_PROXIMITY_CNT = 1)
NOTES
1. SEQUENCE CONVERSION TIME
tCONV_LP = tCONV_FP + LP_CONV_DELAY.
2. PROXIMITY IS SET WHEN USER APPROACHES THE SENSOR, AT WHICH TIME THE INTERNAL CALIBRATION IS DISABLED.
3.
tCALDIS = (tCONV_LP × LP_PROXIMITY_CNT × 4).
CALIBRATION ENABLED
CALIBRATION DISABLED
PROXIMITY
DETECTION
(INTERNAL)
CALIBRATION
(INTERNAL)
tCALDIS
tCONV_LP
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
CDC CONVERSION
SEQUENCE
(INTERNAL)
USER LEAVES
SENSOR AREA
USER APPROACHES
SENSOR
17 18 19 20 21 22 23 24
Figure 31. Example of Low Power Mode Proximity Detection (LP_PROXIMITY_CNT = 4)
Rev. E | Page 20 of 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com