Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7151 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7151
Description  Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7151 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7151 Datasheet HTML 20Page - Analog Devices AD7151 Datasheet HTML 21Page - Analog Devices AD7151 Datasheet HTML 22Page - Analog Devices AD7151 Datasheet HTML 23Page - Analog Devices AD7151 Datasheet HTML 24Page - Analog Devices AD7151 Datasheet HTML 25Page - Analog Devices AD7151 Datasheet HTML 26Page - Analog Devices AD7151 Datasheet HTML 27Page - Analog Devices AD7151 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD7151
Rev. 0 | Page 23 of 28
HARDWARE DESIGN CONSIDERATIONS
OVERVIEW
The AD7151 is an interface to capacitive sensors.
On the input side, the sensor (CX) can be connected directly
between the AD7151 EXC and CIN pins. The way it is
connected and the electrical parameters of the sensor
connection, such as parasitic resistance or capacitance, can
affect the system performance. Therefore, any circuit with
additional components in the capacitive front end, such as
overvoltage protection, has to be carefully designed considering
the AD7151 specified limits and information provided in this
section.
On the output side, the AD7151 can work as a standalone
device, using the power-up default register settings and flagging
the result on digital outputs. Alternatively, the AD7151 can be
interfaced to a microcontroller via the 2-wire serial interface,
offering flexibility by overwriting the AD7151 register values
from the host with a user-specific setup.
PARASITIC CAPACITANCE TO GROUND
DATA
CDC
EXC
CGND1
CIN
CGND2
CX
Figure 42. Parasitic Capacitance to Ground
The CDC architecture used in the AD7151 measures the
capacitance CX connected between the EXC pin and the CIN
pin. In theory, any capacitance CGND to ground should not affect
the CDC result (see Figure 42).
The practical implementation of the circuitry in the chip
implies certain limits, and the result is gradually affected by
capacitance to ground (see Table 1 for information about the
allowed capacitance to GND for CIN and information about
excitation).
See Figure 4, Figure 5, Figure 6, and Figure 7.
PARASITIC RESISTANCE TO GROUND
DATA
CDC
EXC
RGND1
CIN
RGND2
CX
Figure 43. Parasitic Resistance to Ground
The AD7151 CDC result is affected by a leakage current from
CX to ground; therefore, CX should be isolated from the ground.
The equivalent resistance between CX and ground should be
maximized (see Figure 43).
See Figure 8, Figure 9, Figure 10, and Figure 11.
PARASITIC PARALLEL RESISTANCE
DATA
CDC
EXC
CIN
RP
CX
Figure 44. Parasitic Parallel Resistance
The AD7151 CDC measures the charge transfer between the
EXC and CIN pins. Any resistance connected in parallel to the
measured capacitance CX (see Figure 44), such as the parasitic
resistance of the sensor, also transfers charge. Therefore, the
parallel resistor is seen as an additional capacitance in the
output data. The equivalent parallel capacitance (or error
caused by the parallel resistance) can be approximately
calculated as
4
1
×
×
=
EXC
P
P
f
R
C
where RP is the parallel resistance and fEXC is the excitation
frequency.
See Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com