Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7156 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7156
Description  2-Channel Capacitance Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7156 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7156 Datasheet HTML 17Page - Analog Devices AD7156 Datasheet HTML 18Page - Analog Devices AD7156 Datasheet HTML 19Page - Analog Devices AD7156 Datasheet HTML 20Page - Analog Devices AD7156 Datasheet HTML 21Page - Analog Devices AD7156 Datasheet HTML 22Page - Analog Devices AD7156 Datasheet HTML 23Page - Analog Devices AD7156 Datasheet HTML 24Page - Analog Devices AD7156 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD7156
Rev. 0 | Page 20 of 28
CONFIGURATION REGISTER
Address Pointer 0x0F
8 Bits, Read/Write, Factory Preset 0x19
Table 12. Configuration Register Bit Map1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ThrFixed
ThrMD1
ThrMD0
EnCh1
EnCh2
MD2
MD1
MD0
(0)
(0)
(0)
(1)
(1)
(0)
(0)
(1)
1 The default values are given in parentheses.
Table 13.Configuration Register Bit Descriptions
Bit
Mnemonic
Description
7
ThrFixed
ThrFixed = 1 sets the fixed threshold mode; the outputs reflect the comparison of data and a fixed (constant)
value of the threshold registers.
ThrFixed = 0 sets the adaptive threshold mode; the outputs reflect the comparison of data to the adaptive
thresholds. The adaptive threshold is set dynamically, based on the history of the previous data.
6
5
ThrMD1
ThrMD0
These bits set the output comparators mode
ThrMD1
ThrMD0
Threshold Mode
Output Active When
Adaptive Threshold Mode
Fixed Threshold Mode
0
0
Negative
Data < average – sensitivity
Data < threshold
0
1
Positive
Data > average + sensitivity
Data > threshold
1
0
In-window
Data > average – sensitivity
and
Data < average + sensitivity
1
1
Out-window
Data < average – sensitivity
or
Data > average + sensitivity
4
EnCh1
Enables conversion on Channel 1
3
EnCh2
Enables conversion on Channel 2
2
1
0
MD2
MD1
MD0
Converter mode of operation setup
MD2
MD1
MD0
Mode
Description
0
0
0
Idle
The part is fully powered up, but performing no conversion.
0
0
1
Continuous
Conversion
The part is repeatedly performing conversions on the
enabled channel(s); if two channels are enabled, the part is
sequentially switching between them.
0
1
0
Single conversion
The part performs a single conversion on the enabled
channel; if two channels are enabled, the part performs two
conversions, one on each channel. After finishing the
conversion(s), the part goes to the idle mode.
0
1
1
Power-down
The part powers down the on-chip circuits, except the
digital interface.
1
X
X
Reserved
Do not use these modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com