Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV801ASTZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 45Page - Analog Devices ADAV801ASTZ Datasheet HTML 46Page - Analog Devices ADAV801ASTZ Datasheet HTML 47Page - Analog Devices ADAV801ASTZ Datasheet HTML 48Page - Analog Devices ADAV801ASTZ Datasheet HTML 49Page - Analog Devices ADAV801ASTZ Datasheet HTML 50Page - Analog Devices ADAV801ASTZ Datasheet HTML 51Page - Analog Devices ADAV801ASTZ Datasheet HTML 52Page - Analog Devices ADAV801ASTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
ADAV801
Rev. A | Page 48 of 60
DAC Control Register 4—Address 1100111 (0x67)
Table 102. DAC Control Register 4 Bit Map
7
6
5
4
3
2
1
0
Reserved
INTRPT
ZEROSEL1
ZEROSEL0
Reserved
Reserved
Reserved
Reserved
Table 103. DAC Control Register 4 Bit Descriptions
Bit Name
Description
INTRPT
This bit selects the functionality of the ZEROL/INT pin.
0 = Pin functions as a ZEROL flag pin.
1 = Pin functions as an interrupt pin.
ZEROSEL[1:0]
These bits control the functionality of the ZEROR pin when the ZEROL/INT pin is used as an interrupt.
00 = Pin functions as a ZEROR flag pin.
01 = Pin functions as a ZEROL flag pin.
10 = Pin is asserted when either the left or right channel is zero.
11 = Pin is asserted when both the left and right channels are zero.
DAC Left Volume—Address 1101000 (0x68)
Table 104. DAC Left Volume Register Bit Map
7
6
5
4
3
2
1
0
DVOLL7
DVOLL6
DVOLL5
DVOLL4
DVOLL3
DVOLL2
DVOLL1
DVOLL0
Table 105. DAC Left Volume Register Bit Descriptions
Bit Name
Description
DVOLL[7:0]
DAC left channel volume control.
1111111 = 0 dBFS.
1111110 = −0.375 dBFS.
0000000 = −95.625 dBFS.
DAC Right Volume—Address 1101001 (0x69)
Table 106. DAC Right Volume Register Bit Map
7
6
5
4
3
2
1
0
DVOLR7
DVOLR6
DVOLR5
DVOLR4
DVOLR3
DVOLR2
DVOLR1
DVOLR0
Table 107. DAC Right Volume Register Bit Descriptions
Bit Name
Description
DVOLR[7:0]
DAC right channel volume control.
1111111 = 0 dBFS.
1111110 = −0.375 dBFS.
0000000 = −95.625 dBFS.
DAC Left Peak Volume—Address 1101010 (0x6A)
Table 108. DAC Left Peak Volume Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
DLP5
DLP4
DLP3
DLP2
DLP1
DLP0
Table 109. DAC Left Peak Volume Register Bit Descriptions
Bit Name
Description
DLP[5:0]
DAC left channel peak volume detection.
000000 = 0 dBFS.
000001 = −1 dBFS.
111111 = −63 dBFS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com