Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD73322LAST Datasheet(PDF) 21 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 17Page - Analog Devices AD73322LAST Datasheet HTML 18Page - Analog Devices AD73322LAST Datasheet HTML 19Page - Analog Devices AD73322LAST Datasheet HTML 20Page - Analog Devices AD73322LAST Datasheet HTML 21Page - Analog Devices AD73322LAST Datasheet HTML 22Page - Analog Devices AD73322LAST Datasheet HTML 23Page - Analog Devices AD73322LAST Datasheet HTML 24Page - Analog Devices AD73322LAST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
AD73322L
Rev. A | Page 20 of 48
DAC ADVANCE REGISTER
The loading of the DAC is internally synchronized with the
unloading of the ADC data in each sampling interval. The
default DAC load event happens one SCLK cycle before the
SDOFS flag is raised by the ADC data being ready. However,
this DAC load position can be advanced before this time by
modifying the contents of the DAC advance field in Control
Register E (CRE:0–4). The field is five bits wide, allowing
31 increments of weight 1/(FS × 32), as shown in Table 15.
The sample rate, fS, depends on the setting of both the MCLK
divider and the sample rate divider, as shown in Table 12 and
Table 14. In certain circumstances this DAC update adjustment
can reduce the group delay when the ADC and DAC are used to
process data in series. For more information about how the
DAC advance register can be used, see the section Configuring
an AD73322L to Operate in Mixed Mode.
NOTE: The DAC advance register should not be changed while
the DAC section is powered up.
Table 15. DAC Timing Control
DA4
DA3
DA2
DA1
DA0
Time Advance
0
0
0
0
0
0 s
0
0
0
0
1
1/(FS × 32) s
0
0
0
1
0
2/(FS × 32) s
1
1
1
1
0
30/(FS × 32) s
1
1
1
1
1
31/(FS × 32) s
Table 16. Control Register Map
Address (Binary)
Name
Description
Type
Width
Reset Setting (Hex)
000
CRA
Control Register A
R/W
8
0x00
001
CRB
Control Register B
R/W
8
0x00
010
CRC
Control Register C
R/W
8
0x00
011
CRD
Control Register D
R/W
8
0x00
100
CRE
Control Register E
R/W
8
0x00
101
CRF
Control Register F
R/W
8
0x00
110
CRG
Control Register G
R/W
8
0x00
111
CRH
Control Register H
R/W
8
0x00
Table 17. Control Word Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
C/D
R/W
Device Address
Register Address
Register Data
Control
Frame
Description
Bit 15
Control/Data
When set high, this bit signifies a control word in program or mixed program/data modes. When set
low, it signifies a data-word in mixed program/data mode or an invalid control word in program mode.
Bit 14
Read/Write
When set low, this bit tells the device that the data field is to be written to the register selected by the
register field setting, provided the address field is zero. When set high, it tells the device that the
selected register is to be written to the data field in the input serial register and that the new control
word is to be output from the device via the serial output.
Bits 13 to 11
Device Address
This 3-bit field holds the address information. Only when this field is zero is a device selected. If the
address is not zero, it is decremented and the control word is passed out of the device via the serial
output.
Bits 10 to 8
Register Address
This 3-bit field is used to select one of the eight control registers on the AD73322L.
Bits 7 to 0
Register Data
This 8-bit field holds the data that is to be written to or read from the selected register provided the
address field is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com