Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6552V02C/T2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VS6552V02C/T2
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V02C/T2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VS6552V02C/T2 Datasheet HTML 5Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 6Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 7Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 8Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 9Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 10Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 11Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 12Page - STMicroelectronics VS6552V02C/T2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
VS6552
3.6 Control and Video Interface Formats
3.6.1 Overview
Data is transferred from VS6552 to STV0974 via a
high speed serial link (VisionLink). The serial data
link comprises of two pairs of wires. The serial
control data is transferred between the VS6552 to
STV0974 via a private I2C bus.
3.6.2 VisionLink Physical Layer
Data signals (PDATAP and PDATAN) and clock
signals (PCLKP and PCLKN) are transferred from
VS6552 to STV0974 via 2 pairs of balanced 100
Ω
impedance transmission lines.
The transmission line pairs and custom transmit-
ters/receivers realize a very low voltage differential
(vLVDS) signalling scheme that can transfer infor-
mation in a potentially noisy environment. As im-
plemented in VS6552, VisionLink supports the
transmission of raw Bayer data at VGA resolution
up to 30 frame/s.
3.6.3 Serial I2C Control Bus
The internal registers in VS6552 can be config-
ured by STV0974 via a private I2C bus. STV0974
is the bus master and VS6552 is the single slave.
VS6552 sends and receives commands over this
bus at up to 400 kHz.
4 ELECTRICAL CHARACTERISTICS
Table 6. Absolute Maximum Ratings
Note: Caution: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 7. Operating Conditions
Note: 1. Storage temperature: Camera has no permanent degradation
2. Functional operating temperature: Camera is electrically functional
3. Normal operating temperature: Camera produces ‘acceptable’ images
4. Optimum performance temperature: Camera produces optimal optical performance
Symbol
Parameter
Values
Unit
VDIG
Digital power supply
-0.5 to 3.0
V
VANA
Analog power supply
-0.5 to 3.6
V
MSCL,
MSDA
CCI Signals
-0.3 to VDIG + 0.3
V
PDN, CLK
Power Down Control, System Clock Input
-0.3 to VDIG + 0.3
V
TSTO
Storage temperature
-40 to + 85
oC
Symbol
ParTyp.ameter
Min.
Typ.
Max.
Unit
Voltage
VDD
Digital power supply voltage
1.7
-
1.9
V
AVDD
Analog power supply voltage
2.5
-
3.3
V
Temperature
TAF
Temperature (functional operating)
-30
-
+70
°C
TAN
Temperature (normal operating)
-25
-
+55
°C
TAO
Temperature (optimal operating)
+5
-
+30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com