Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS6552V02D/T2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VS6552V02D/T2
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V02D/T2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VS6552V02D/T2 Datasheet HTML 9Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 10Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 11Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 12Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 13Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 14Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 15Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 16Page - STMicroelectronics VS6552V02D/T2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
VS6552
4.3 ESD Handling Characteristics
Table 15. ESD Handling Limits
5 OPTICAL SPECIFICATION
The small amount of lens relative illumination ef-
fects
(field
darkening)
is
corrected
by
the
STV0974.
Table 16. Optical Specifications
Figure 6. MTF Points on the Image Field
6 DEFECT CATEGORIZATION
6.1 Pixel Defects
A packaged CMOS image sensor will display visu-
al imperfections caused either by electrical faults
or optical blemishes which can be introduced in
the product at various stages of the manufacturing
process. These impurities can result in pixel de-
fects, that is a pixel whose output is not consistent
with the level of incident light falling on the image
sensor. The ability to identify and correct these de-
fects is central to both the design requirements
and quality certification, via test of STMicroelec-
tronics sensor products.
The STMicroelectronics STV0974 co-processor
implements defect correction algorithms which
screens the presence of these defects in the final
images. The defect correction algorithms ensure
that the VS6552 sensor in conjunction with the
STV0974 co-processor will produce a high quality
final image.
7 PACKAGE MECHANICAL DATA
7.1 SmOP1.5 Module Outline
– Figure 7
– Figure 8
– Figure 9
7.2 SmOP2 M Module Outline
– Figure 10
– Figure 11
– Figure 12
7.3 SmOP2 ME Module Outline
– Figure 13
– Figure 14
– Figure 15
Test
Method
Criteria
ESD Human
Body Model
JESD22 A114A
2kV
ESD Machine
Model
JESD22 A115A
200V
Latch Up
JESD78
1.5 * Vddmax,
150mA
Parameter
Value
Effective Focal Length
4 mm ± 0.15 mm
Aperture
F2.8 aperture
Horizontal Field of View
45o ± 2o
TV Distortion
(pin,cushion & barrel)
-3% to 3%
MTF (
Figure 6.)
@ 60 cm @ 45 cycle/mm
–
On axis: 45 %
–
Horizontal field: 30%
–
Diagonal field: 30%
on axis
horizontal
diagonal
field
field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com