Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPSLR31.13 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GDPSLR31.13
Description  Professional downlights
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDPSLR31.13 Datasheet(HTML) 1 Page - OSRAM GmbH

  GDPSLR31.13 Datasheet HTML 1Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 2Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 3Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 4Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 5Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 6Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 7Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 8Page - OSRAM GmbH GDPSLR31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2017-06-16
1
2017-06-16
DURIS
® S 5
Datasheet
Version 1.3
GD PSLR31.13
Wide spectrum of phosphor converted Red, Amber,
Green, Blue with excellent color rendering and
supreme efficacy in cost effective industry standard
LED
Wide spectrum of phosphor converted Red, Amber,
Green, Blue with excellent color rendering and
supreme efficacy in cost effective industry standard
LED
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 450 nm ( deep blue )
Farbe: 450 nm ( deep blue )
Radiant Flux: typ. 480 mW
Strahlungsfluss: typ. 480 mW
Radiant Efficiency: typ. 51 %
Lichtausbeute: typ. 51 %
Applications
Anwendungen
Architectural lighting
Architekturbeleuchtung
Accent and effect lighting
Akzent- und Effektbeleuchtung
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Linear lights
Linearbeleuchtung
Professional downlights
Professionelle Downlights
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter


Similar Part No. - GDPSLR31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GDPSLM31.14 OSRAM-GDPSLM31.14 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.4 2020-11-23
GDPSLM31.14-RNSJ-25-1 OSRAM-GDPSLM31.14-RNSJ-25-1 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.4 2020-11-23
GDPSLM31.14-ROSK-25-1 OSRAM-GDPSLM31.14-ROSK-25-1 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.4 2020-11-23
More results

Similar Description - GDPSLR31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGGB3.EM OSRAM-GWKAGGB3.EM Datasheet
1Mb / 18P
Downlights
GWKAGHB3.CM OSRAM-GWKAGHB3.CM Datasheet
784Kb / 17P
Downlights
GWKAFGB3.EM OSRAM-GWKAFGB3.EM Datasheet
939Kb / 17P
Downlights
GWKAFGB3.CM OSRAM-GWKAFGB3.CM Datasheet
1Mb / 17P
Downlights
GWKAFGB3.DM OSRAM-GWKAFGB3.DM Datasheet
1Mb / 17P
Downlights
GWKAFHB3.EM OSRAM-GWKAFHB3.EM Datasheet
1Mb / 17P
Downlights
GWKAFHB5.BM OSRAM-GWKAFHB5.BM Datasheet
1Mb / 17P
Downlights
GWKAFJB3.CM OSRAM-GWKAFJB3.CM Datasheet
1Mb / 17P
Downlights
GWKAFJB3.DM OSRAM-GWKAFJB3.DM Datasheet
1Mb / 17P
Downlights
GWKAGMB5.BM OSRAM-GWKAGMB5.BM Datasheet
1Mb / 17P
Downlights
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com