Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECGP2A01 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LECGP2A01
Description  Projektion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGP2A01 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LECGP2A01 Datasheet HTML 2Page - OSRAM GmbH LECGP2A01 Datasheet HTML 3Page - OSRAM GmbH LECGP2A01 Datasheet HTML 4Page - OSRAM GmbH LECGP2A01 Datasheet HTML 5Page - OSRAM GmbH LECGP2A01 Datasheet HTML 6Page - OSRAM GmbH LECGP2A01 Datasheet HTML 7Page - OSRAM GmbH LECGP2A01 Datasheet HTML 8Page - OSRAM GmbH LECGP2A01 Datasheet HTML 9Page - OSRAM GmbH LECGP2A01 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2016-11-28
6
Version 1.1
LE CG P2A 01
Color Chromaticity Groups 2) page 20
Farbortgruppen 2) Seite 20
Chromaticity Coordinate Groups 2) page 20
Farbortgruppen 2) Seite 20
within λ = 500 ... 600 nm
Group
Gruppe
Cx
Cy
A
0.3093
0.6398
0.3160
0.6498
0.3193
0.6331
0.3260
0.6431
A
0,62
0,63
0,64
0,65
0,66
Cy
Cx
A
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com