Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGT656 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LGT656
Description  Optischer Indikator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LGT656 Datasheet(HTML) 1 Page - OSRAM GmbH

  LGT656 Datasheet HTML 1Page - OSRAM GmbH LGT656 Datasheet HTML 2Page - OSRAM GmbH LGT656 Datasheet HTML 3Page - OSRAM GmbH LGT656 Datasheet HTML 4Page - OSRAM GmbH LGT656 Datasheet HTML 5Page - OSRAM GmbH LGT656 Datasheet HTML 6Page - OSRAM GmbH LGT656 Datasheet HTML 7Page - OSRAM GmbH LGT656 Datasheet HTML 8Page - OSRAM GmbH LGT656 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2016-04-01
1
2016-04-01
TOPLED Lens
Datasheet
Version 1.1 (not for new design)
LG T656
Features:
Besondere Merkmale:
•
Package: white PLCC-2 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % IV: 60°
•
Abstrahlwinkel bei 50 % IV: 60°
•
Color: green (570 nm)
•
Farbe: grün (570 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Optical Indicator
•
Optischer Indikator
•
Backlighting
•
Hinterleuchtung
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Coupling into Light Guides
•
Einkopplung in Lichtleiter
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten


Similar Part No. - LGT656

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGT670 OSRAM-LGT670 Datasheet
435Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGT670 OSRAM-LGT670 Datasheet
435Kb / 15P
Nicht f체r Neuentwicklungen Not for new designs
LGT670 OSRAM-LGT670 Datasheet
442Kb / 19P
Optical Indicator
logo
Siemens Semiconductor G...
LGT670-HK SIEMENS-LGT670-HK Datasheet
496Kb / 8P
TOPLED
LGT670-J SIEMENS-LGT670-J Datasheet
496Kb / 8P
TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com