Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOA67B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOA67B
Description  Einkopplung in Lichtleiter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOA67B Datasheet(HTML) 1 Page - OSRAM GmbH

  LOA67B Datasheet HTML 1Page - OSRAM GmbH LOA67B Datasheet HTML 2Page - OSRAM GmbH LOA67B Datasheet HTML 3Page - OSRAM GmbH LOA67B Datasheet HTML 4Page - OSRAM GmbH LOA67B Datasheet HTML 5Page - OSRAM GmbH LOA67B Datasheet HTML 6Page - OSRAM GmbH LOA67B Datasheet HTML 7Page - OSRAM GmbH LOA67B Datasheet HTML 8Page - OSRAM GmbH LOA67B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-06-20
1
2013-06-20
SIDELED
Datasheet
Version 1.0
LO A67B
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: orange (606 nm)
• Farbe: orange (606 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Coupling into Light Guides
• Einkopplung in Lichtleiter


Similar Part No. - LOA67B

ManufacturerPart #DatasheetDescription
logo
ams AG
LOA67B AMSCO-LOA67B Datasheet
1Mb / 23P
SIDELED®
Version 1.2 2019-07-16
LOA67B-T2V1-24 AMSCO-LOA67B-T2V1-24 Datasheet
1Mb / 23P
SIDELED®
Version 1.2 2019-07-16
More results

Similar Description - LOA67B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B080350 E-SWITCH-B080350 Datasheet
20Kb / 1P
All In Dimensino In MM
B080351 E-SWITCH-B080351 Datasheet
20Kb / 1P
All In Dimensino In MM
B080352 E-SWITCH-B080352 Datasheet
20Kb / 1P
All In Dimensino In MM
B080353 E-SWITCH-B080353 Datasheet
20Kb / 1P
All In Dimensino In MM
B080356 E-SWITCH-B080356 Datasheet
20Kb / 1P
All In Dimensino In MM
B080515 E-SWITCH-B080515 Datasheet
21Kb / 1P
All In Dimensino In MM
B080682 E-SWITCH-B080682 Datasheet
21Kb / 1P
All In Dimensino In MM
B080695 E-SWITCH-B080695 Datasheet
21Kb / 1P
All In Dimensino In MM
B080739 E-SWITCH-B080739 Datasheet
21Kb / 1P
All In Dimensino In MM
B080740 E-SWITCH-B080740 Datasheet
22Kb / 1P
All In Dimensino In MM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com