Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC06 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # KBPC06
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

KBPC06 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  KBPC06 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd KBPC06 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
 
www.21yangjie.com
S-C047
Rev. 1.2,28-Apr-14
KBPC5004 THRU KBPC5016
■
特性曲线(典型) Characteristics(Typical)
0
Tc(℃)
图1:Io-Tc曲线
FIG1:Io-Tc Curve
50
150
100
0
10
20
30
40
50
60
70
 
 
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.5
VF(V)
图3:正向电压曲线
FIG3:Instantaneous Forward Voltage
1.0
10
20
40
60
5.0
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=125℃
Tj=25℃
FIG4:Typical Reverse Characteristics
图4:反向电流曲线
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
250
500
750
正弦波
sine wave
0
不重复
non-repetitive
Ta=25℃
FIG2:Surge Forward Current Capadility
周波数
Number of Cycles
8.3ms 8.3ms
1 cycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com