Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBLSK12S Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # MBLSK12S
Description  Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MBLSK12S Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  MBLSK12S Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MBLSK12S Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd MBLSK12S Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd MBLSK12S Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBLSK12S THRU MBLSK120S 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S077
Rev. 1.3, 28-Apr-14
www.21yangjie.com
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
MBLSK12S
MBLSK14S
MBLSK16S
MBLSK18S
MBLSK110S MBLSK115S MBLSK120S
Thermal
Resistance
Between junction and
ambient, On alumina
substrate
RθJ-A
℃
/W
76
Between junction and
ambient, On glass-
epoxi substrate
RθJ-A
134
Between junction and
lead
RθJ-L
20
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MBLSK12S-MBLSK120S
F1
Approximate 0.083
4000
8000
64000
13’ reel
■ Characteristics(Typical)
`
1
0
2
5
10
20
50
100
5
half sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
Number of Cycles
0
8.3ms
1cycle
8.3ms
10
15
20
25
30
35
0
0
0.2
FIG1:Io-Ta Curve
160
40
80
120
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Load
Ambient Temperature(℃)
MBSK16S--MBSK120S
MBSK12S--MBSK14S
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.02
0.05
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
MBLSK12S~MBLSK14S
MBLSK16S
MBLSK18S~MBLSK110S
MBLSK115S~MBLSK120S
Instantaneous Forward Voltage(V)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage(%)
Tj=100℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com