Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1919 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # SL1919
Description  ENHANCED Z180 MICROPROCESSOR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

SL1919 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button SL1919 Datasheet HTML 45Page - Zilog, Inc. SL1919 Datasheet HTML 46Page - Zilog, Inc. SL1919 Datasheet HTML 47Page - Zilog, Inc. SL1919 Datasheet HTML 48Page - Zilog, Inc. SL1919 Datasheet HTML 49Page - Zilog, Inc. SL1919 Datasheet HTML 50Page - Zilog, Inc. SL1919 Datasheet HTML 51Page - Zilog, Inc. SL1919 Datasheet HTML 52Page - Zilog, Inc. SL1919 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Z80180/Z8S180/Z8L180
Zilog
Enhanced Z180 Microprocessor
DS971800401
P R E L I M I N A R Y
1-49
1
CLOCK MULTIPLIER REGISTER (Z180 MPU ADDRESS 1EH)
Bit 7. X2 Clock Multiplier Mode. When this bit is set to 1,
this allows the programmer to double the internal clock
from that of the external clock. This feature will only oper-
ated effectively with frequencies of 10-16 MHz (20-32MHz
internal).
When
this
bit
is
set
to
0,
the
Z80180/Z8S180/Z8L180 device will operate in normal
mode. Upon powerup, this feature is disabled.
Bit 6. Low Noise Crystal Option. Setting this bit to 1 will
enable the low noise option for the EXTAL and XTAL pins.
This option reduces the gain, in addition to reduction the
output drive capability to 30% of its original drive capability.
The Low Noise Crystal Option is recommended in the use
of crystals for PCMCIA applications where the crystal may
be driven too hard by the oscillator. Setting this bit to 0 will
select for normal operation of the EXTAL and XTAL pins.
The default for this bit is 0.
Note: Operating restrictions for device operation are listed
below. If low noise option is required, and normal device
operation is needed, use the clock multiplier feature.
Figure 54. Clock Multiplier Register
11
1
00
1
76
5
4
3
2
1
1
0
1
RESERVED
LOW NOISE CRYSTAL
X2 CLOCK MULTIPLIER
Table 9. Low Noise Option
Low Noise
ADDR 1E, bit 6=1
Normal
ADDR 1E, bit 6=0
20 MHz @ 4.5V, 100
°C
33 MHz @ 4.5V, 100
°C
10 MHz @ 3.0V, 100
°C
20 MHz @ 3.0V, 100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com