Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4883 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC4883
Description  Silicon NPN Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC4883 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC4883 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
118
2SC4883/4883A
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
2
1
2
10
5
100
50
1000
500
Base Current I B(mA)
0.5A
1A
I C=2A
0
2
1
0
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
1
7
5
1
1 0
100
1000
2000
Time t(ms)
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
10
50
5
100
200
0.01
0.1
0.5
1
1
5
0.5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
1.2SC4883
2.2SC4883A
DC
1
2
0.01
0.1
0.5
0.05
1
2
50
40
100
300
Collector Current I C(A)
(V CE=4V)
Typ
0
0
1
2
46
28
1 0
Collector-Emitter Voltage V CE(V)
30mA
15mA
10mA
I B=5mA
100mA
60mA
(V CE=4V)
0.01
0.05
0.5
2
30
50
300
100
0.1
Collector Current I C(A)
1
125˚C
25˚C
–55˚C
–0.01
–0.1
–1
–2
0
60
80
100
120
140
40
20
160
(V CE=12V)
Emitter Current I E(A)
Typ
Silicon NPN Epitaxial Planar Transistor (Complement to type 2SA1859/A)
Application : Audio Output Driver and TV Velocity-modulation
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
External Dimensions FM20(TO220F)
Weight : Approx 2.0g
a. Type No.
b. Lot No.
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
6
2
1
20(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SC4883
150
150min
Unit
µA
V
µA
V
V
MHz
pF
Conditions
VCB=
VEB=6V
IC=10mA
VCE=10V, IC=0.7A
IC=0.7A, IB=70mA
VCE=12V, IE=–0.7A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
2SC4883A
180
180
2SC4883
150
150
2SC4883A
180
180min
10max
60 to 240
1.0max
120typ
30typ
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
20
IC
(A)
1
VBB2
(V)
–5
IB2
(mA)
–100
ton
(
µs)
0.5typ
tstg
(
µs)
1.5typ
tf
(
µs)
0.5typ
IB1
(mA)
100
VBB1
(V)
10
10max


Similar Part No. - 2SC4883

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC4883 SANKEN-2SC4883 Datasheet
23Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio Output Driver and TV Velocity-modulation)
logo
Inchange Semiconductor ...
2SC4883 ISC-2SC4883 Datasheet
113Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4883 SAVANTIC-2SC4883 Datasheet
243Kb / 4P
Silicon NPN Power Transistors
logo
Sanken electric
2SC4883 SANKEN-2SC4883 Datasheet
32Kb / 1P
Silicon NPN Epitaxial Planar Transistor
logo
Savantic, Inc.
2SC4883 SAVANTIC-2SC4883 Datasheet
245Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4883

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com