Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA00HD Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # SCA00HD
Description  AC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SCA00HD Datasheet(HTML) 2 Page - Willow Technologies Ltd

  SCA00HD Datasheet HTML 1Page - Willow Technologies Ltd SCA00HD Datasheet HTML 2Page - Willow Technologies Ltd SCA00HD Datasheet HTML 3Page - Willow Technologies Ltd SCA00HD Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
CA\042003\Q1
Series CA
INPUT (CONTROL) SPECIFICATIONS
3 TERMINAL CONFIGURATION (SEE FIG. 1)
Min
Max
Units
Bias Voltage
3.8
32
Vdc
Bias Current (V
IN=32 Vdc)
16
mA
(See Figure 2)
Control Voltage Range
0
18
Vdc
Control Current (at 5 Vdc)
250
µAdc
Turn-On Control Voltage
0.3
Vdc
Turn-Off Control Voltage
3.2
Vdc
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Output Current Rating (See Figure 3)
0.1
1.0
Arms
Output Voltage Rating
20
250
Vrms
Frequency Range
40
440
Hz
Output Voltage Drop @ 1 Amp
1.5
Vrms
Off-State Leakage Current
1.0
mArms
(250 Vac, 400 Hz)
Turn-On Time
1/2
Cycle
Turn-Off Time
1
Cycle
Transient Voltage (T < 5 s) (see Note 4)
+500
Vpk
Surge Current @ 25o C (16 ms)
5.6
Apk
Zero Voltage Turn-On Point
+18
Vpk
dv/dt (See Note 1)
100
V/µs
Load Power Factor
0.2
1
Insulation Resistance @ 500 Vdc
109
Ohms
Input to Output Capacitance
5
pF
Dielectric Withstanding Voltage (60Hz)
1200
Vac
Junction Temperature at Rated Current (T
J Max)
130
oC
Thermal Resistance Junction to Ambient (θ
JA)85
oC/W
• WEIGHT: 2 gm max
• CASE:
DIP, hermetically sealed, ceramic
• PINS:
Gold plated
ELECTRICAL SPECIFICATIONS
(-55°C TO +105°C UNLESS OTHERWISE SPECIFIED)
MECHANICAL SPECIFICATIONS
0.400 ± .015
(10.16 ± .38)
0.010 ± .002
(0.25 ± .05)
6 PLS
0.560
(14.22) MAX
0.395
(10.03)
16170
CA00HD
MAX
87
5
12
4
TOP INDEX MARK FOR PIN 1
SIDE INDEX MARK FOR PIN 1
LOT NUMBER AND DATE CODE
LOCATED ON THE BOTTOM SIDE
0.155
(3.94)
.150
± .015
6 PLS
0.100
(2.54)
0.300
(7.62)
0.125
(3.18)
0.016
(0.41
)
6 PLS
PCB STYLE MECHANICAL OUTLINE
0.018 ± .002
(0.46 ± .05)
6 PLS
MAX
+.010
–.005
+.25
–.13
PIN-OUTS
PIN NO.
FUNCTION
1
V(BIAS)
2
V(CNTRL)
4
LOAD
5
LOAD
7
N/C
8
INPUT COM.
0.010 ± .002
(0.25 ± .05)
6 PLS
0.020 MIN
6 PLS
0.560
(14.22) MAX
0.395
(10.03)
16170
SCA00HD
MAX
87
5
12
4
TOP INDEX MARK FOR PIN 1
SIDE INDEX MARK FOR PIN 1
LOT NUMBER AND DATE CODE
LOCATED ON THE BOTTOM SIDE
0.155
(3.94)
0.100
(2.54)
0.300
(7.62)
0.125
(3.18)
0.020
(0.51)
6 PLS
SMT STYLE MECHANICAL OUTLINE
0.018 ± .002
(0.46 ± .05)
6 PLS
MAX
0.477
(12.12
)
+.010
–.005
+.25
–.13
PIN-OUTS
PIN NO.
FUNCTION
1
V(BIAS)
2
V(CNTRL)
4
LOAD
5
LOAD
7
N/C
8
INPUT COM.
TOLERANCES: .XX= ± .010 (± .25), .XXX= ± .005 (± .13)
DIMENSION STYLES: XXX= INCHES (XXX)= MILLIMETERS
CONTROLLING DIMENSIONS ARE IN INCHES. METRIC
DIMENSIONS ARE SUPPLIED FOR REFERENCE PURPOSES ONLY.
0.066
(1.68)
0.025
(0.64)
0.390
(9.91)
SURFACE MOUNT LAND PATTERN
0.300
(7.62)
TYP
0.100
(2.54)
TYP
0.522
(13.26)
REF
MIN. 6 PLS
MIN. 6 PLS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com