Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00CFY Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # CD00CFY
Description  DC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CD00CFY Datasheet(HTML) 2 Page - Willow Technologies Ltd

  CD00CFY Datasheet HTML 1Page - Willow Technologies Ltd CD00CFY Datasheet HTML 2Page - Willow Technologies Ltd CD00CFY Datasheet HTML 3Page - Willow Technologies Ltd CD00CFY Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CD 42
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
CD\072002\Q1
Series CD
OUTPUT (LOAD) SPECIFICATIONS
(See Note 2)
Min
Typ
Max Units
Continuous Load Current (See Fig. 3)
CD20CD
1.0
Adc
CD21CD
1.0
Adc
CD00CF
2.0
Adc
CD01CF
2.0
Adc
Leakage Current @ V
LOAD = 60 Vdc
40
µAdc
Output Voltage Drop
CD20CD
0.6
Vdc
CD21CD
0.6
Vdc
CD00CF
0.75
Vdc
CD01CF
0.75
Vdc
Continuous Operating Load Voltage
60
Vdc
Transient Blocking Voltage (See Note 3)
80
Vdc
ON Resistance Rds (on) at T
J = 25°C ILOAD = 100 mAdc (See Fig. 4)
CD20CD
0.36
0.45
Ohm
CD21CD
0.36
0.45
Ohm
CD00CF
0.16
0.22
Ohm
CD01CF
0.16
0.22
Ohm
Turn-On Time (See Fig. 5)
1.5
ms
Turn-Off Time (See Fig. 5)
0.25
ms
Electrical System Spike
±600
Vdc
Output Capacitance at 25 Vdc, 100 KHz
475
pF
Input to Output Capacitance
10
pF
Dielectric Strength
1000
Vac
Insulation Resistance @ 500 Vdc
109
Ohm
Maximum Junction Temperature (T
J Max)
CD00
150
°C
CD01
150
°C
Thermal Resistance Junction to Ambient (θ
JA)80
°C/W
Thermal Resistance Junction to Case (θ
JC)20
°C/W
STATUS OUTPUT SPECIFICATIONS
(CD01CF AND CD21CD)
Min
Typ
Max Units
Status Supply Voltage (See Note 7)
30
Vdc
Status Leakage Current @ 15 Vdc
4
µAdc
Status (sink) Current (V
SO < 0.3 Vdc)
2
mAdc
BLOCK DIAGRAM (BOTTOM VIEW)
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com