Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ETF02FP Datasheet(PDF) 2 Page - International Rectifier

Part # 20ETF02FP
Description  FAST SOFT RECOVERY RECTIFIER DIODE TO-220 FULLPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF02FP Datasheet(HTML) 2 Page - International Rectifier

  20ETF02FP Datasheet HTML 1Page - International Rectifier 20ETF02FP Datasheet HTML 2Page - International Rectifier 20ETF02FP Datasheet HTML 3Page - International Rectifier 20ETF02FP Datasheet HTML 4Page - International Rectifier 20ETF02FP Datasheet HTML 5Page - International Rectifier 20ETF02FP Datasheet HTML 6Page - International Rectifier 20ETF02FP Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
20ETF..FP
QUIETIR Series
Bulletin I2119 rev. C 03/99
www.irf.com
I
F(AV)
Max.AverageForwardCurrent
20
A
@ T
C
=94°C,180°conductionhalfsinewave
I
FSM
Max.PeakOneCycleNon-Repetitive
250
10msSinepulse,ratedV
RRM applied
SurgeCurrent
300
10msSine pulse,novoltagereapplied
I2t
Max. I2t for fusing
316
10msSinepulse,ratedV
RRM applied
442
10msSinepulse,novoltagereapplied
I
2√t Max. I2√t for fusing
4420
A
2√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
20ETF02FP
200
300
20ETF04FP
400
500
5
20ETF06FP
600
700
Voltage Ratings
Absolute Maximum Ratings
Parameters
20ETF..FP
Units
Conditions
A
A
2s
t
rr
Reverse Recovery Time
160
ns
I
F
@ 20Apk
I
rr
Reverse Recovery Current
10
A
@ 100A/ µs
Q
rr
Reverse Recovery Charge
1.25
µC
@ 25°C
S
Snap Factor
tb/ta
0.6
typical
Parameters
20ETF..FP Units
Conditions
ta
tb
trr
t
Ifm
dir
dt
Qrr
Irm (REC)
Electrical Specifications
V
FM
Max. Forward Voltage Drop
1.30
V
@ 20A, T
J
= 25°C
1.67
V
@ 60A, T
J
= 25°C
r
t
Forward slope resistance
12.5
m
Ω
V
F(TO) Threshold voltage
0.9
V
T
J
= 150 °C
I
RM
Max. Reverse Leakage Current
0.1
T
J
= 25 °C
5.0
T
J = 150 °C
Parameters
20ETF..FP
Units
Conditions
V
R
= rated V
RRM
mA
mA
Recovery Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com