Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGCS-E140 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IGCS-E140
Description  Industrial 4-port PCIe unmanaged Gigabit Ethernet switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGCS-E140 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IGCS-E140 Datasheet HTML 1Page - ORing Industrial Networking Corp IGCS-E140 Datasheet HTML 2Page - ORing Industrial Networking Corp IGCS-E140 Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
www.oring-networking.com
1-490
Dimensions
(Unit=mm)
ORing Switch Model
IGCS-E140
Physical Ports
10/100/1000Base-T(X) Ports in RJ45
4
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3ab for 1000Base-T
IEEE 802.3x for Flow control
MAC Table
8K MAC addresses
Processing
Store-and-Forward
Specifications
v1.2 / Apr, 2014
Industrial Ethernet Switch Unmanaged PCIe Ethernet Switch Card
LED Indicators
Power indicator
Green : Power LED x 1
10/100/1000Base-T(X) RJ45 port indicator
Green for port Link/Act. Amber for 100Mbps indicator
Power
Input Power
PCIe bus powered
Power Consumption (Typ.)
4.2 Watts
Overload current protection
Present
Physical Characteristics
Dimensions (W x D x H)
21.3 (W) x 136 (D) x 121 (H) mm(0.83 x 5.35 x 4.76 inch)
Weight (g)
98 g
Environmental
Operating Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-10 to 60°C (14 to 140°F)
Operating Humidity
5% to 95% Non-condensing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com