Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMC-111PB Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RMC-111PB
Description  Industrial rack-mount card type Ethernet to fiber media converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RMC-111PB Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RMC-111PB Datasheet HTML 1Page - ORing Industrial Networking Corp RMC-111PB Datasheet HTML 2Page - ORing Industrial Networking Corp RMC-111PB Datasheet HTML 3Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.oring-networking.com
2-18
v1.3/ Dec, 2011
Industrial Media Converter Rack-Mount Ethernet To Fiber Media Converter
Dimensions
(Unit=mm)
ORing Card-Type Media Converter Model
RMC-111FB-MM
RMC-111FB-SS
RMC-111PB
Physical Ports
10/100Base-T(X) Ports in RJ45
Auto MDI/MDIX
1
1
1
Fiber Ports
Specifications
Fiber Ports Number
1
1
-
Fiber Ports standard
100Base-FX
100Base-FX
-
Fiber Mode
Multi-mode
Single-mode
-
Fiber Diameter (µm)
62.5/125 µm
50/125 µm
9/125 µm
-
Fiber Optical Connector
SC
SC
-
Typical Distance (km)
2 km
30 km
-
Wavelength (nm)
1310 nm
1310 nm
-
Max. Output Optical
Power (dBm)
-14 dBm
-8 dBm
-
Min. Output Optical
Power (dBm)
-23.5 dBm
-15 dBm
-
Max. Input Optical Power
(Saturation)
0 dBm
0 dBm
-
Min. Input Optical Power
(Sensitivity)
-31 dBm
-34 dBm
-
Link Budget (dB)
7.5 dB
19dB
-
100Base-FX SFP port
-
-
1
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3x for Flow control
Processing
Store-and-Forward
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com